Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL440-2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL440-2
Description  Optocoupler, Pgototriac Output, Low Input Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL440-2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL440-2 Datasheet HTML 1Page - Vishay Siliconix IL440-2 Datasheet HTML 2Page - Vishay Siliconix IL440-2 Datasheet HTML 3Page - Vishay Siliconix IL440-2 Datasheet HTML 4Page - Vishay Siliconix IL440-2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
IL440
Document Number 83631
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Off- state output terminal voltage (see Table 1.)
IFT and Blocking Voltage Selection
1)
1) Test voltage must be applied within dV/dt rating of 0.13 V/
µsec.
Coupler
Maximum Safety Ratings
(according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending) see figure 1
This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input
The device is used for protective separation agains electrical shock within the maximum safety ratings. This must be ensured by protective
circuits in the applications.
Output
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 50 mA
VF
1.25
V
Reverse voltage
IR = 10 µAVR
5.0
V
Junction capacitance
VR = 0 V, f = 1.0 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Peak on-state voltage
ITM = 100 mA, IFT = 30 mA
VTM
1.5
3.0
V
Critical rate of rise of off-state
voltage
IF = 0, VS = 240 VRMS
dVcr/dt
50
V/
µs
IF = 30 mA, VS = 60 VRMS
dVcrq/dt
0.13
0.25
V/
µs
Bin number
BV (Volts) Max @ IDRM = 500 nA
IFT Max @ VT = 6 V, RL=150 Ω
IL440-1
600
15
IL440-2
600
10
IL440-3
600
5.0
IL440-4
400
15
IL440-5
400
10
IL440-6
400
5.0
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Holding current
IF ≥ 10 mA, VS ≥ 3.0 V
IH
1.0
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IS, INPUT
130
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Power dissipation
PS, OUTPUT
300
mW


Similar Part No. - IL440-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL440-4 VISHAY-IL440-4 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-4X007 VISHAY-IL440-4X007 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-4X009 VISHAY-IL440-4X009 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-5 VISHAY-IL440-5 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
IL440-5X006 VISHAY-IL440-5X006 Datasheet
108Kb / 6P
   Optocoupler, Phototriac Output, Low Input Current
Rev. 1.6, 18-Jan-08
More results

Similar Description - IL440-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6186 VISHAY-SFH6186 Datasheet
235Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 1.5, 20-Apr-04
SFH6186-3T VISHAY-SFH6186-3T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_15 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.6, 31-Aug-15
VO610A VISHAY-VO610A_V02 Datasheet
177Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
01-Jan-2023
SFH6186-3X001 VISHAY-SFH6186-3X001 Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH6186-2T VISHAY-SFH6186-2T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
VO610A VISHAY-VO610A Datasheet
175Kb / 8P
   Optocoupler, Low Input Current, Phototransistor Output
Rev. 1.7, 18-Feb-13
SFH6186-3X001T VISHAY-SFH6186-3X001T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
SFH618A VISHAY-SFH618A_V02 Datasheet
242Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current
01-Jan-2023
SFH6186-5T VISHAY-SFH6186-5T Datasheet
149Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current
Rev. 2.4, 23-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com