Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LI4001 Datasheet(PDF) 3 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

Part No. LI4001
Description  2A switch step-down type 4.2V lithium battery charger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YONGFUKANG [Shenzhenshi YONGFUKANG Technology co.,LTD]
Direct Link  http://www.szczkjgs.com/
Logo YONGFUKANG - Shenzhenshi YONGFUKANG Technology co.,LTD

LI4001 Datasheet(HTML) 3 Page - Shenzhenshi YONGFUKANG Technology co.,LTD

  LI4001 Datasheet HTML 1Page - Shenzhenshi YONGFUKANG Technology co.,LTD LI4001 Datasheet HTML 2Page - Shenzhenshi YONGFUKANG Technology co.,LTD LI4001 Datasheet HTML 3Page - Shenzhenshi YONGFUKANG Technology co.,LTD LI4001 Datasheet HTML 4Page - Shenzhenshi YONGFUKANG Technology co.,LTD LI4001 Datasheet HTML 5Page - Shenzhenshi YONGFUKANG Technology co.,LTD LI4001 Datasheet HTML 6Page - Shenzhenshi YONGFUKANG Technology co.,LTD LI4001 Datasheet HTML 7Page - Shenzhenshi YONGFUKANG Technology co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
引脚功能
VIN(引脚 8)
:输入电压正输入端。此引脚的
电压为内部电路的工作电源,VIN的变化范围
在 4.5V至 9V之间,并通过一个 10uF电容进行
旁路。当VIN和V
R
BATR压差低于 30mv时,LI4001
进入停机模式,从而使I
R
BATR降至 4uA。
SW(引脚 1):内置 PMOSFET 功率管漏极连
接点。SW 为 LI4001 的电流输出端与外部电感
相连作为电池充电电流的输入端。
GND(引脚 2)
:电源地。
SENSE(引脚 3):输出电流检测的正极输入端。
BAT(引脚 4):电池电压检测端。将电池的正
端连接到此引脚。
STDBY (引脚 6):电池充电完成指示端。当
电池充电完成时 STDBY 被内部开关拉到低电
平,表示充电完成。除此之外, STDBY 引脚
将处于高阻态。
CHRG (引脚 5):充电中状态指示端。当充
电器向电池充电时,CHRG 引脚被内部开关拉
到低电平,表示充电正在进行;否则 CHRG
脚处于高阻态。
EN(引脚 7)
:使能输入引脚。把 EN 引脚拉高
至高电平,LI4001 正常充电工作。将 EN 拉低
至低电平,LI4001 将停止充电。
PWM
Control
Logic
AMP
AMP
Ref
OSC
LI4001
CHRG
8
7
1
2
4
3
5
6
VIN
SW
SENSE
BAT
STDBY
GND
EN
图 3 LI4001 功能框图
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn