Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75225-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS75225-Q1
Description  POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75225-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS75225-Q1 Datasheet HTML 7Page - Texas Instruments TPS75225-Q1 Datasheet HTML 8Page - Texas Instruments TPS75225-Q1 Datasheet HTML 9Page - Texas Instruments TPS75225-Q1 Datasheet HTML 10Page - Texas Instruments TPS75225-Q1 Datasheet HTML 11Page - Texas Instruments TPS75225-Q1 Datasheet HTML 12Page - Texas Instruments TPS75225-Q1 Datasheet HTML 13Page - Texas Instruments TPS75225-Q1 Datasheet HTML 14Page - Texas Instruments TPS75225-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TPS75201-Q1, TPS75215-Q1, TPS75218-Q1, TPS75225-Q1, TPS75233-Q1 WITH RESET
TPS75401-Q1, ’75415-Q1, ’75418-Q1, ’75425-Q1, ’75433-Q1 WITH POWER GOOD
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
SGLS166 – APRIL 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
TJ – Junction Temperature – °C
TPS75xxx
GROUND CURRENT
vs
JUNCTION TEMPERATURE
10
110
60
–40
160
90
70
60
80
85
75
65
55
50
Figure 6
VI = 5 V
IO = 2 A
100k
10k
f – Frequency – Hz
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
70
60
50
40
30
20
10
0
TPS75x33
90
80
1k
100
10
1M
VI = 4.3 V
CO = 100 µF
IO = 1 mA
TJ = 25°C
VI = 4.3 V
CO = 100 µF
IO = 2 A
TJ = 25°C
100
10M
Figure 7
Figure 8
f – Frequency – Hz
10
10
100
1k
10k
50k
1.8
1.4
1.2
0.8
0.4
0
1.6
1
0.6
0.2
2
VI = 4.3 V
VO = 3.3 V
CO = 100 µF
TJ = 25°C
IO = 1 mA
IO = 2 A
TPS75x33
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Figure 9
TPS75x33
OUTPUT IMPEDANCE
vs
FREQUENCY
f – Frequency – Hz
10
100
100K
1M
10–1
10K
1K
10M
1
101
10–2
CO = 100 µF
IO = 1 mA
CO = 100 µF
IO = 2 A


Similar Part No. - TPS75225-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75225-Q1 TI1-TPS75225-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75225-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com