Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1M8833X01-G0T0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1M8833X01-G0T0
Description  FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8833X01-G0T0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1M8833X01-G0T0 Datasheet HTML 1Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 2Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 3Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 4Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 5Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 6Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 7Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 8Page - Samsung semiconductor S1M8833X01-G0T0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8831A/33
1
INTRODUCTION
The S1M8831A/33 is a Fractional-N frequency synthesizer with integrated
prescalers, designed for RF operation up to 1.2GHz/K-PCS and for IF
operation up to 520MHz. The fractional-N synthesizer allows fast-locking,
low phase noise phase-locked loops to be built easily, thus having rapid
channel switching and reducing standby time for extended battery life. The
S1M8831A/33 based on
∑ - ∆ fractional-N techniques solves the fractional
spur problems in other fractional-N synthesizers based on charge pump
compensation. The synthesizer also has an additional feature that the
PCS/CDMA channel frequency in steps of 10kHz can be accurately
programmed.
The S1M8831A/33 contains dual-modulus prescalers. The S1M8831A RF
synthesizer adopts an 8/9 prescaler (16/17 for the S1M8833) and the IF
synthesizer adopts an 8/9 prescaler. Phase detector gain is user-programmable for maximum flexibility to
address IS-95 CDMA and IMT2000. Various program-controlled power down options as well as low supply
voltage help the design of wireless cell phones having minimum power consumption.
Using the Samsung's proprietary digital phase-locked-loop technique, the S1M8831A/33 has a linear phase
detector characteristic and can be used for very stable, low noise PLLs. Supply voltage can range from 2.7V to
4.0V. The S1M8831A/33 is available in a 24-QFN package.
FEATURES
High operating frequency dual synthesizer
— S1M8831A: 0.71 to 1.2GHz(RF)/ 45 to 520MHz(IF)
— S1M8833: 1.6 to 1.65GHz(RF)/ 45 to 520MHz(IF)
Operating voltage range: 2.7 to 4.0V
Low current consumption (S1M8831A: 5.0mA, S1M8833: 7.0mA)
Selectable power saving mode (I
CC = 1uA typical @ 3V)
Dual-modulus prescaler and Fractional-N/Integer-N:
— S1M8831A
(RF) 8/9
Fractional-N
— S1M8833
(RF) 16/17
Fractional-N
— S1M8831A/33
(IF)
8/9
Integer-N
Excellent in-band phase noise ( – 85dBc/Hz @ PCS, -90dBc/Hz @CDMA)
Improved fractional spurious performance ( < 80dBc)
Frequency resolution (= 10kHz/64 @ fref = 9.84MHz)
Fast channel switching time: < 500us
Programmable charge pump output current: from 50uA to 800uA in 50uA steps
Programmability via on-chip serial bus interface
24-QFN-3.5
×4.5


Similar Part No. - S1M8833X01-G0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8836 SAMSUNG-S1M8836 Datasheet
234Kb / 29P
   FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8836X01-G0T0 SAMSUNG-S1M8836X01-G0T0 Datasheet
234Kb / 29P
   FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8837 SAMSUNG-S1M8837 Datasheet
234Kb / 29P
   FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
S1M8837X01-G0T0 SAMSUNG-S1M8837X01-G0T0 Datasheet
234Kb / 29P
   FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
More results

Similar Description - S1M8833X01-G0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_S1M8837 SAMSUNG-DS_S1M8837 Datasheet
234Kb / 29P
   FRACTIONAL-N RF/INTEGER-N IF DUAL PLL
logo
Analog Devices
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. B
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
REV. 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
   Integer-N/Fractional-N PLL Synthesizer
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
   Integer N/Fractional-N, PLL Synthesizer
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
   Fractional-N/Integer-N PLL Synthesizer
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
[Old version datasheet]   PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
National Semiconductor ...
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
   PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
logo
Texas Instruments
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com