Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2751+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2751+
Description  Multichemistry Fuel Garge
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2751+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2751+ Datasheet HTML 1Page - Maxim Integrated Products DS2751+ Datasheet HTML 2Page - Maxim Integrated Products DS2751+ Datasheet HTML 3Page - Maxim Integrated Products DS2751+ Datasheet HTML 4Page - Maxim Integrated Products DS2751+ Datasheet HTML 5Page - Maxim Integrated Products DS2751+ Datasheet HTML 6Page - Maxim Integrated Products DS2751+ Datasheet HTML 7Page - Maxim Integrated Products DS2751+ Datasheet HTML 8Page - Maxim Integrated Products DS2751+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DS2751
4 of 19
ELECTRICAL CHARACTERISTICS: TEMPERATURE, VOLTAGE, CURRENT
(TA = 2.5V
£ VDD £ 5.5V, -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Resolution
TLSB
0.125
°C
Temperature Full-Scale
Magnitude
TFS
127
°C
Temperature Error
TERR
(Note 3)
±3
°C
Voltage Resolution
VLSB
4.88
mV
Voltage Full-Scale
Magnitude
VFS
(Note 4)
4.5
V
Voltage Offset Error
VOERR
(Note 5)
1
LSB
Voltage Gain Error
VGERR
3
%V
reading
(Note 6)
0.625
mA
Current Resolution
ILSB
(Note 7)
15.625
mV
(Notes 6, 7)
1.9
2.56
A
Current Full-Scale
Magnitude
IFS
(Note 8)
64
mV
Current Offset Error
IOERR
(Note 9)
1
LSB
(Notes 6, 10)
3
Current Gain Error
IGERR
(Note 7)
1
%I
reading
(Note 6)
0.25
mAhr
Accumulated Current
Resolution
qCA
(Note 7)
6.25
µVhr
Current Sampling
Frequency
fSAMP
1456
Hz
0°C to +50°C
(Note 11)
±1
±3
Internal Timebase
Accuracy
tERR
-20°C to +70°C
±5
%
ELECTRICAL CHARACTERISTICS—1-WIRE INTERFACE
(TA = 2.5V
£ VDD £ 5.5V, -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time Slot
tSLOT
60
120
ms
Recovery Time
tREC
1
ms
Write 0 Low Time
tLOW0
60
119
ms
Write 1 Low Time
tLOW1
1
15
ms
Read Data Valid
tRDV
15
ms
Reset Time High
tRSTH
480
ms
Reset Time Low
tRSTL
480
960
ms
Presence-Detect High
tPDH
15
60
ms
Presence-Detect Low
tPDL
60
240
ms
DQ Capacitance
CDQ
60
pF


Similar Part No. - DS2751+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E MAXIM-DS2751E Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E++ MAXIM-DS2751E+ Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E+025 MAXIM-DS2751E+025 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751E+025/TR MAXIM-DS2751E+025/TR Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
More results

Similar Description - DS2751+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Mallory performance clu...
4305M MALLORY-4305M Datasheet
130Kb / 2P
   FUEL PRESSURE REGULATOR FOR FUEL INJECTION
PN5250 MALLORY-PN5250 Datasheet
436Kb / 8P
   Mallory Fuel Series 250 Electric Fuel Pump
PN29389 MALLORY-PN29389 Datasheet
151Kb / 2P
   Competition Fuel Pressure Regulator For Fuel Injection
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Mallory performance clu...
PN22256 MALLORY-PN22256 Datasheet
310Kb / 8P
   Mallory Fuel Series 70 Electric Fuel Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com