Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3002-33MA Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM3002-33MA
Description  Micropower 1.0A Low Dropout CMOS Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3002-33MA Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM3002-33MA Datasheet HTML 4Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 5Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 6Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 7Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 8Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 9Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 10Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 11Page - California Micro Devices Corp CM3002-33MA Datasheet HTML 12Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
08/16/04
CM3002
Performance Information (cont’d)
CM3002-33SA/SF & CM3002-33MA/MF Typical DC Characteristics
(nominal conditions unless specified otherwise, data representative of SOIC packaged -33SA/SF devices)
0
100
200
300
400
500
600
700
01
234
56
0
100
200
300
400
500
600
700
01
23
45
6
Line Regulation with 5mA & 1A Load
3.0
3.1
3.2
3.3
3.
4
3.0
3.5
4.0
4.5
5.0
5.5
6.0
5mA Load
1A Load
Ground Current vs. Output Load
0
100
200
300
400
500
600
700
0
200
400
600
800
1000 1200
Load Current [mA]
Dropout Voltage vs. Load (Vout=3.2V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
200
400
600
800 1000 1200
Load Current [mA]
Current Limiting Protection
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
500
1000
1500
2000
2500
Load Current [mA]
VCC [V]
VCC [V]
Supply Current vs. Voltage (EN=VCC)
Supply Current vs. Voltage (EN=GND)
VCC [V]


Similar Part No. - CM3002-33MA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3001 CALMIRCO-CM3001 Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3001-13MA CALMIRCO-CM3001-13MA Datasheet
199Kb / 7P
   Micropower 500mA Low Voltage CMOS Regulator
CM3003 CALMIRCO-CM3003 Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
CM3003-18 CALMIRCO-CM3003-18 Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
CM3003-18SA CALMIRCO-CM3003-18SA Datasheet
191Kb / 11P
   1.5 Amp Dual Mode Low Dropout CMOS Regulator
More results

Similar Description - CM3002-33MA

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com