Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28408 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part No. CY28408
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY28408 Datasheet(HTML) 13 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CY28408
Document #: 38-07617 Rev. **
Page 13 of 19
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Core Supply Voltage
–0.5
4.6
V
VDD_A
Analog Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to V SS
–0.5
VDD+0.5
VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Temperature, Operating Ambient
Functional
0
70
°C
TJ
Temperature, Junction
Functional
150
°C
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
V
ØJC
Dissipation, Junction to Case
Mil-STD-883E Method 1012.1
20.62
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
62.26
°C/W
UL–94
Flammability Rating
@1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
DC Electrical Specifications
Parameter
Description
Conditions
Min.
Max.
Unit
VDD, VDDA 3.3 Operating Voltage
3.3V ± 5%
3.135
3.465
V
VILI2C
Input Low Voltage
SDATA, SCLK
1.0
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.5
V
VILS2
S2 Input Low Voltage
VDD = 3.3V
VSS – 0.5
0.7
V
VIMS2
S2 Input Mid Voltage
VDD = 3.3V
1.2
1.6
V
VIHS2
S2 Input High Voltage
VDD = 3.3V
2.0
VDD + 0.5
V
IIL
Input Leakage Current
except Pull-ups or Pull downs
0 < VIN < VDD
–5
5
µA
VOL
Output Low Voltage
IOL = 1 mA
0.4
V
VOH
Output High Voltage
IOH = –1 mA
2.4
V
IOZ
High-Impedance Output Current
–10
10
µA
CIN
Input Pin Capacitance
2
5
pF
COUT
Output Pin Capacitance
3
6
pF
LIN
Pin Inductance
7
nH
VXIH
Xin High Voltage
0.7VDD
VDD
V
VXIL
Xin Low Voltage
0
0.3VDD
V
IDD
Dynamic Supply Current
At 166 MHz and all outputs
loaded per Table 11 and Figures
11 and 12
280
mA
IPD
Power-down Supply Current
PD# Asserted, Byte0 bit 6=”1”
2.0
mA
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
TDC
XIN Duty Cycle
When driven from external source
47.5
52.5
%
TPERIOD
XIN period
Measured at VDD/2
69.841
71.0
ns
TR / TF
XIN Rise and Fall Times
Measured between 0.3VDD and
0.7VDD
10.0
ns
TCCJ
XIN Cycle to Cycle Jitter
When driven from external source
500
ps


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn