Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OL3204N-100 Datasheet(PDF) 3 Page - OKI electronic componets

Part No. OL3204N-100
Description  1.3 mm High-Power DIP Module with 9mm Profile
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL3204N-100 Datasheet(HTML) 3 Page - OKI electronic componets

  OL3204N-100 Datasheet HTML 1Page - OKI electronic componets OL3204N-100 Datasheet HTML 2Page - OKI electronic componets OL3204N-100 Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
LASER DIODES
OL3204N-100/P
TYPICAL CHARACTERISTICS
0
1
3
2
Fiber Output Power vs. Forward Current
Forward Current IF (mA)
0
100
0
100
200
300
400
500
Pf
VF
80
60
40
20
Oscillation Spectrum
1280
1305
1330
0.2
0.4
0.6
0.8
1
Wavelength(nm)
Pulse
Pf=100mW
0


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
OL5204N-50 1.55 mm High-Power DIP Module with 9mm Profile 1  2  3  OKI electronic componets
OL6204N-50 1.6 μm High-Power DIP Module with 9mm Profile 1  2  3  OKI electronic componets
OL3200N-5 1.3 μm High-Power Laser-Diode DIP Module 1  2  3  OKI electronic componets
OL3201N-40 1.3 μm High-Power Laser-Diode DIP Module 1  2  3  4  OKI electronic componets
OE3202G-004 1.3 μm Edge-Emitting LED DIP Module 1  2  3  4  OKI electronic componets
FU-423SLD-F3M31 1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1  2  3  Mitsubishi Electric Semiconductor
OL5201N-25 1.55 μm High-Power Laser-Diode DIP Module 1  2  3  4  OKI electronic componets
FU-427SDF 1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1  2  3  Mitsubishi Electric Semiconductor
FU-427SHL-8M22 1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1  2  3  Mitsubishi Electric Semiconductor
OL3200N 1.3 μm Laser-Diode DIP Module 1  2  3  OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn