Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OL3204N-100 Datasheet(PDF) 2 Page - OKI electronic componets

Part No. OL3204N-100
Description  1.3 mm High-Power DIP Module with 9mm Profile
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL3204N-100 Datasheet(HTML) 2 Page - OKI electronic componets

  OL3204N-100 Datasheet HTML 1Page - OKI electronic componets OL3204N-100 Datasheet HTML 2Page - OKI electronic componets OL3204N-100 Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
LASER DIODES
OL3204N-100/P
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Fiber Output Power
Operating Temperature
Storage Temperature
Pf
Topr
Tstg
110*
mW
–20 to +65
°C
–40 to +70
°C
LD Reverse Voltage
VR (LD)
2
V
LD Forward Current
IF (LD)
800*
mA
Test Conditions
Ta=25°C
Cooler Current
Ic
1.2
A
*Pulse width less than 10 ms, duty ratio less than 1 %
OPTICAL AND ELECTRICAL CHARACTERISTICS
FIBER PIGTAIL SPECIFICATIONS
Parameter
Specifications
Unit
Fiber Type
Mode Field Diameter
Connector
Single-mode
10±1
mm
FC
Cladding Diameter
125±2
mm
Jacket Diameter
900
mm
Length
1 (Min.)
m
Parameter
Symbol
Min.
Unit
Threshold Current
Fiber Output Power
Spectral Width
Cooler Current
Ith
Pf
s
Ic
—mA
100
mW
—nm
—A
( TLD=25°C, 10 ms Pulse Width and 1 % Duty Ratio)
Typ.
20
Max.
50
10
1
Test Conditions
IF=750 mA
Pf=100 mW, RMS¥1
DT=40°C, Pf=100mW
Cooler Voltage
Vc
V
—2
DT=40°C, Pf=100mW
Thermistor Resistance
Rth
kW
10
Center Wavelength
lc
1290
nm
1310
1330
Pf=100 mW
Cooler Capacity
DT40
°C
——
Pf=100 mW
Forward Voltage
VF
—V
1.7
3
Pf=100 mW


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
OL5204N-50 1.55 mm High-Power DIP Module with 9mm Profile 1  2  3  OKI electronic componets
OL6204N-50 1.6 μm High-Power DIP Module with 9mm Profile 1  2  3  OKI electronic componets
OL3200N-5 1.3 μm High-Power Laser-Diode DIP Module 1  2  3  OKI electronic componets
OL3201N-40 1.3 μm High-Power Laser-Diode DIP Module 1  2  3  4  OKI electronic componets
OE3202G-004 1.3 μm Edge-Emitting LED DIP Module 1  2  3  4  OKI electronic componets
FU-423SLD-F3M31 1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1  2  3  Mitsubishi Electric Semiconductor
OL5201N-25 1.55 μm High-Power Laser-Diode DIP Module 1  2  3  4  OKI electronic componets
FU-427SDF 1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1  2  3  Mitsubishi Electric Semiconductor
FU-427SHL-8M22 1.3 um LD MODULE WITH SINGLEMODE FIBER PIGTAIL 1  2  3  Mitsubishi Electric Semiconductor
OL3200N 1.3 μm Laser-Diode DIP Module 1  2  3  OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn