Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21262SKSTZ200 Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-21262SKSTZ200
Description  SHARC Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21262SKSTZ200 Datasheet(HTML) 2 Page - Analog Devices

  ADSP-21262SKSTZ200 Datasheet HTML 1Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 2Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 3Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 4Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 5Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 6Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 7Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 8Page - Analog Devices ADSP-21262SKSTZ200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Rev. A
|
Page 2 of 44
|
May 2004
ADSP-21262
KEY FEATURES
At 200 MHz (5 ns) core instruction rate, the ADSP-21262
operates at 1200 MFLOPS peak/800 MFLOPS sustained
performance whether operating on fixed or floating point
data
400 MMACS sustained performance at 200 MHz
Super Harvard Architecture—three independent buses for
dual data fetch, instruction fetch, and nonintrusive, zero-
overhead I/O
2M bits on-chip dual-ported SRAM (1M bit block 0, 1M bit
block 1) for simultaneous access by core processor and
DMA
4M bits on-chip dual-ported mask-programmable ROM
(2M bits in block 0 and 2M bits in block 1)
Dual data address generators (DAGs) with modulo and bit-
reverse addressing
Zero-overhead looping with single-cycle loop setup, provid-
ing efficient program sequencing
Single instruction multiple data (SIMD) architecture
provides:
Two computational processing elements
Concurrent execution— Each processing element executes
the same instruction, but operates on different data
Parallelism in buses and computational units allows: Sin-
gle cycle executions (with or without SIMD) of a multiply
operation; an ALU operation; a dual memory read or
write; and an instruction fetch
Transfers between memory and core at up to four 32-bit
floating- or fixed-point words per cycle, sustained
2.4G Bytes/s bandwidth at 200 MHz core instruction rate.
In addition, 900M Bytes/sec is available via DMA
Accelerated FFT butterfly computation through a multiply
with add and subtract instruction
DMA controller supports:
22 zero-overhead DMA channels for transfers between
ADSP-21262 internal memory and serial ports (12), the
input data port (IDP) (8), SPI-compatible port (1), and the
parallel port (1)
32-bit background DMA transfers at core clock speed, in par-
allel with full-speed processor execution
Asynchronous parallel/external port provides:
Access to asynchronous external memory
16 multiplexed address/data lines support 24-bit address
external address range with 8-bit data or 16-bit address
external address range with 16-bit data
66M Byte per sec transfer rate for 200 MHz core rate
256 word page boundaries
External memory access in a dedicated DMA channel
8- to 32-bit and 16- to 32-bit word packing options
Programmable wait state options: 2 to 31 CCLK
Digital audio interface (DAI) includes six serial ports, two pre-
cision clock generators, an input data port, three
programmable timers and a signal routing unit
Serial ports provide:
Six dual data line serial ports that operate at up to 50 Mbits/s
for a 200 MHz core on each data line — each has a clock,
frame sync, and two data lines that can be configured as
either a receiver or transmitter pair
Left-justified sample pair and I2S support, programmable
direction for up to 24 simultaneous receive or transmit
channels using two I2S compatible stereo devices per serial
port
TDM support for telecommunications interfaces including
128 TDM channel support for telephony interfaces such as
H.100/H.110
Up to 12 TDM stream support, each with 128 channels per
frame
Companding selection on a per channel basis in TDM mode
Input data port provides an additional input path to the DSP
core configurable as either eight channels of I
2S or serial
data or as seven channels plus a single 20-bit wide syn-
chronous parallel data acquisition port
Supports receive audio channel data in I
2S, left-justified
sample pair, or right-justified mode
Signal routing unit provides configurable and flexible
connections between all DAI components, six serial ports,
an input data port, two precision clock generators, three
timers, 10 interrupts, six flag inputs, six flag outputs, and
20 SRU I/O pins (DAI_Px)
Serial peripheral interface (SPI)
Master or slave serial boot through SPI
Full-duplex operation
Master-slave mode multimaster support
Open drain outputs
Programmable baud rates, clock polarities, and phases
3 Muxed Flag/IRQ lines
1 Muxed Flag/Timer expired line
ROM based security features:
JTAG access to memory permitted with a 64-bit key
Protected memory regions that can be assigned to limit
access under program control to sensitive code
PLL has a wide variety of software and hardware multi-
plier/divider ratios
JTAG background telemetry for enhanced emulation
features
IEEE 1149.1 JTAG standard test access port and on-chip
emulation
Dual voltage: 3.3 V I/O, 1.2 V core
Available in 136-ball BGA and 144-lead LQFP packages
Lead free packages are also available


Similar Part No. - ADSP-21262SKSTZ200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262SKSTZ200 AD-ADSP-21262SKSTZ200 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
More results

Similar Description - ADSP-21262SKSTZ200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com