Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP89VZCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EP89VZCTR
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89VZCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EP89VZCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP89VZCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP89VZCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP89VZCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP89VZCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP89VZCTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP89VZCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ECL Pro™
SY10EP89V
Micrel
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
22
28
34
24
32
38
28
34
40
mA
V
OH
Output HIGH Voltage(2)
–1220
–1120
–1020
–1150
–1050
–950
–1075
–975
–875
mV
V
OL
Outuput LOW Voltage(2)
–2680
–2580
–2480
–2670
–2570
–2470
–2630
–2530
–2430
mV
V
IH
Input HIGH Voltage
–1230
—–890
–1130
—–810
–1060
—–720
mV
(Single-Ended)
V
IL
Input LOW Voltage
–1950
—–1500
–1950
—–1480
–1950
—–1445
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
0.0
V
EE +2.0
0.0
V
EE +2.0
0.0
V
Common Mode Range (Diff.)(3)
I
IH
Input HIGH Current
——
150
——
150
——
150
µA
I
IL
Input LOW Current
D
0.5
——
0.5
——
0.5
——
µA
/D
–150
——
–150
——
–150
——
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
All loading with 50
Ω to V
CC –3.0V.
Note 3.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
LVECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V, VEE = –3.3V ±5%
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
27
32
41
30
37
44
32
39
50
mA
V
OH
Output HIGH Voltage(2)
–1220
–1120
–1020
–1150
–1050
–950
–1075
–975
–875
mV
V
OL
Outuput LOW Voltage(2)
–2950
–2800
–2650
–2950
–2850
–2650
–2950
–2800
–2650
mV
V
IH
Input HIGH Voltage
–1230
—–890
–1130
—–810
–1060
—–720
mV
(Single-Ended)
V
IL
Input LOW Voltage
–1950
—–1500
–1950
—–1480
–1950
—–1445
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
0
V
EE +2.0
0
V
EE +2.0
0
V
Common Mode Range(3)
I
IH
Input HIGH Current
——
150
——
150
——
150
µA
I
IL
Input LOW Current
D
0.5
——
0.5
——
0.5
——
µA
/D
–150
——
–150
——
–150
——
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
All loading with 50
Ω to V
CC –3.0V.
Note 3.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
ECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 0V; VEE = –5.2V ±5%


Similar Part No. - SY10EP89VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89VZCTR MICREL-SY10EP89VZCTR Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
More results

Similar Description - SY10EP89VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V_05 Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com