Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP89VKI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP89VKI
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89VKI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP89VKI Datasheet HTML 1Page - Micrel Semiconductor SY10EP89VKI Datasheet HTML 2Page - Micrel Semiconductor SY10EP89VKI Datasheet HTML 3Page - Micrel Semiconductor SY10EP89VKI Datasheet HTML 4Page - Micrel Semiconductor SY10EP89VKI Datasheet HTML 5Page - Micrel Semiconductor SY10EP89VKI Datasheet HTML 6Page - Micrel Semiconductor SY10EP89VKI Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ECL Pro™
SY10EP89V
Micrel
150
150
SY10EP89
VEE
DC Blocking Capacitors
75
75
75
75
75
Ω Coax
75
Ω Coax
Figure 1. EP89V Termination Configuration
Symbol
Rating
Value
Unit
VCC — VEE
Power Supply Voltage
6V
V
V
IN
Input Voltage (V
CC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (V
EE = 0V, VIN not more positive than VCC)
+6.0 to 0
V
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
T
A
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θ
JA
Package Thermal Resistance
–Still-Air
(SOIC)
160
°C/W
(Junction-to-Ambient)
–500lfpm (SOIC)
109
–Still-Air
(MSOP)
206
°C/W
–500lfpm (MSOP)
155
θ
JC
Package Thermal Resistance
(SOIC)
39
°C/W
(Junction-to-Case)
(MSOP)
39
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM
RATlNG conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY10EP89VKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89VKI MICREL-SY10EP89VKI Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89VKITR MICREL-SY10EP89VKITR Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
More results

Similar Description - SY10EP89VKI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V_05 Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com