Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2820ACHIPS Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2820ACHIPS
Description  10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2820ACHIPS Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2820ACHIPS Datasheet HTML 4Page - Analog Devices ADN2820ACHIPS Datasheet HTML 5Page - Analog Devices ADN2820ACHIPS Datasheet HTML 6Page - Analog Devices ADN2820ACHIPS Datasheet HTML 7Page - Analog Devices ADN2820ACHIPS Datasheet HTML 8Page - Analog Devices ADN2820ACHIPS Datasheet HTML 9Page - Analog Devices ADN2820ACHIPS Datasheet HTML 10Page - Analog Devices ADN2820ACHIPS Datasheet HTML 11Page - Analog Devices ADN2820ACHIPS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADN2820
Rev. 0 | Page 11 of 12
BUTTERFLY PACKAGE ASSEMBLY
Cb
PD
VCC
OFFSET
POWMON
OUT
OUTB
7.5mm
5mm
2.5mm
0mm
Clf
Rf
Cf
Figure 19. Butterfly Package
Table 8. Bill of Materials
Qty.
Description
Source
PD
1
VENDOR SPECIFIC (0.5 mm × 0.5 mm)
10 Gbps Photodiode
TIA
1
ADN2820 (0.87 mm × 1.06 mm)
Analog Devices SiGe 10 Gbps Transimpedance Amplifier
CB
2
GM250X7R10216 (0.5 mm × 0.5 mm)
Murata 1000 pF Ceramic Single Layer Capacitor
CLF
1
GM260Y5V104Z10 (0.8 mm × 0.8 mm)
Murata 0.1 µF Ceramic Single Layer Capacitor
CF
1
D20BV201J5PX (0.5 mm × 0.5 mm)
DiLabs 100 pF RF Single Layer Capacitor
RF
1
WMIF0021000AJ (0.4 mm × 0.5 mm)
Vishay 100 Ω Thin Film Microwave Resistor


Similar Part No. - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results

Similar Description - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com