Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2820ACHIPS Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2820ACHIPS
Description  10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2820ACHIPS Datasheet(HTML) 4 Page - Analog Devices

  ADN2820ACHIPS Datasheet HTML 1Page - Analog Devices ADN2820ACHIPS Datasheet HTML 2Page - Analog Devices ADN2820ACHIPS Datasheet HTML 3Page - Analog Devices ADN2820ACHIPS Datasheet HTML 4Page - Analog Devices ADN2820ACHIPS Datasheet HTML 5Page - Analog Devices ADN2820ACHIPS Datasheet HTML 6Page - Analog Devices ADN2820ACHIPS Datasheet HTML 7Page - Analog Devices ADN2820ACHIPS Datasheet HTML 8Page - Analog Devices ADN2820ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADN2820
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2. ADN2820 Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VCC to GND)
5.2 V
Internal Power Dissipation
Output Short Circuit Duration
Indefinite
Maximum Input Current
5 mA
Storage Temperature Range
–65°C to +125°C
Operating Ambient Temperature Range
–15°C to +85°C
Maximum Junction Temperature
165°C
Die Attach Temperature (<60 seconds)
450°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.


Similar Part No. - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results

Similar Description - ADN2820ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
   3.3V / 1.25 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
   3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com