Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP89VZITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EP89VZITR
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89VZITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EP89VZITR Datasheet HTML 1Page - Micrel Semiconductor SY10EP89VZITR Datasheet HTML 2Page - Micrel Semiconductor SY10EP89VZITR Datasheet HTML 3Page - Micrel Semiconductor SY10EP89VZITR Datasheet HTML 4Page - Micrel Semiconductor SY10EP89VZITR Datasheet HTML 5Page - Micrel Semiconductor SY10EP89VZITR Datasheet HTML 6Page - Micrel Semiconductor SY10EP89VZITR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ECL Pro™
SY10EP89V
Micrel
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
22
28
34
24
32
38
28
34
40
mA
V
OH
Output HIGH Voltage(3)
2080
2180
2280
2150
2250
2350
2225
2325
2425
mV
V
OL
Outuput LOW Voltage(3)
620
720
820
630
730
830
670
770
870
mV
V
IH
Input HIGH Voltage
2070
2410
2170
2490
2240
2580
mV
(Single-Ended)
V
IL
Input LOW Voltage
1350
1800
1350
1820
1350
1855
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
Common Mode Range (Diff.)(4)
I
IH
Input HIGH Current
——
150
——
150
——
150
µA
I
IL
Input LOW Current
D
0.5
——
0.5
——
0.5
——
µA
/D
–150
——
–150
——
–150
——
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
All loading with 50
Ω to V
CC –3.0V.
Note 4.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
3.3V LVPECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 3.3V ±5%, VEE = 0V
(2)
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
27
34
45
30
37
45
32
39
50
mA
V
OH
Output HIGH Voltage(3)
3780
3880
3980
3850
3950
4050
3925
4025
4125
mV
V
OL
Outuput LOW Voltage(3)
2075
2225
2375
2060
2210
2360
2090
2240
2390
mV
V
IH
Input HIGH Voltage
3770
4110
3870
4190
3940
4280
mV
(Single-Ended)
V
IL
Input LOW Voltage
3050
3500
3050
3520
3050
3555
mV
(Single-Ended)
V
IHCMR
Input HIGH Voltage
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
EE +2.0
V
CC
V
Common Mode Range(4)
I
IH
Input HIGH Current
——
150
——
150
——
150
µA
I
IL
Input LOW Current
D
0.5
——
0.5
——
0.5
——
µA
/D
–150
——
–150
——
–150
——
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
All loading with 50
Ω to V
CC – 3.0V.
Note 4.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
5.0V PECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = 5.0V ±5%; VEE = 0V
(2)


Similar Part No. - SY10EP89VZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89VZITR MICREL-SY10EP89VZITR Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
More results

Similar Description - SY10EP89VZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V_05 Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com