Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GPCR20A Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part No. GPCR20A
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR20A Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPCR20A Datasheet HTML 1Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 2Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 3Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 4Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 5Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 6Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 7Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 8Page - Generalplus Technology Inc. GPCR20A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GPCR20A
Beep
REC_BUSY (Active low when recording)
KEY Bouncing time=87ms
First Record data delay time=87ms
BEEP pluse width=43.5ms
PLAY_BUSY (Active low when playing)
Start play
(EDGE Triggering)
REC0
REC1
Explain: GPCR20A in edge trigger and auto-playback mode,
REC0 is pressed; REC0 is active at low voltage.
After KEY_ bouncing time (87ms), a BEEP sound is played.
Waiting delay time (87ms), GPCR20A start recording.
REC0 is released, GPCR20A continue to record until sound data in voice box is full.
Then GPCR20A start to play-back sound recorded in 1’st voice box.
EDGE_OPT is low (level trigger mode)
KEY_OPT is high (two voice box mode)
AUTO_OPT is high (auto play mode)
BEEP_OPT is high (beep mode)
(LEVEL Triggering)
Beep
REC_BUSY (Active low when recording)
KEY Bouncing time=87ms
First Record data delay time=87ms
BEEP pluse width=43.5ms
PLAY_BUSY (Active low when playing)
Start play
REC0
REC1
Explain: GPCR20A in level trigger and auto-playback mode,
REC0 is pressed, REC0 is active at low voltage.
After KEY_ bouncing time (87ms), a BEEP sound is played.
Waiting delay time (87ms), GPCR20A start recording.
REC0 is released, GPCR20A start to play-back sound recorded in 1’st voice box.
© Generalplus Technology Inc.
Proprietary & Confidential
4
MAR. 03, 2005
Version: 1.1


Similar Part No. - GPCR20A

ManufacturerPart No.DatasheetDescription
GPB International Limited.
GPB International Limit...
GPCR2016 GP-GPCR2016 Datasheet
1Mb / 1P
   GP Lithium Cell Battery 3 Volts
GPCR2025 GP-GPCR2025 Datasheet
1Mb / 1P
   GP Lithium Cell Battery 3 Volts
GPCR2032 GP-GPCR2032 Datasheet
472Kb / 1P
   GP Lithium Cell Battery 3 Volts
More results

Similar Description - GPCR20A

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
Generalplus Technology Inc.
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
Winbond
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
Nuvoton Technology Corporation
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
Winbond
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
Generalplus Technology Inc.
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
Nuvoton Technology Corporation
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz