Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50018 Datasheet(PDF) 29 Page - Zarlink Semiconductor Inc

Part # ZL50018
Description  2 K Digital Switch with Enhanced Stratum 3 DPLL
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50018 Datasheet(HTML) 29 Page - Zarlink Semiconductor Inc

Back Button ZL50018 Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 32Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 33Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
ZL50018
Data Sheet
29
Zarlink Semiconductor Inc.
7.0
Data Input Delay and Data Output Advancement
Various registers are provided to adjust the input delay and output advancement for each input and output data
stream. The input bit delay and output bit advancement can vary from 0 to 7 bits for each individual stream.
If input delay of less than a bit is desired, different sampling points can be used to handle the adjustments. The
sampling point can vary from 1/4 to 4/4 with a 1/4-bit increment for all input streams unless the stream is operating
at 16.384 Mbps, in which case the fractional bit delay has a 1/2-bit increment. By default, the sampling point is set
to the 3/4-bit location for non-16.384 Mbps data rates and the 1/2-bit location for the 16.384 Mbps data rate.
The fractional output bit advancement can vary from 0 to 3/4 bits, again with a 1/4-bit increment unless the output
stream is operating at 16.384 Mbps, in which case the output fractional bit advancement has a 1/2-bit increment
from 0 to 1/2 bit. By default, there is 0 output bit advancement.
Although input delay or output advancement features are available on streams which are operating in bi-directional
mode it is not recommended, as it can easily cause bus contention. If users require this function, special attention
must be given to the timing to ensure contention is minimized.
7.1
Input Bit Delay Programming
The input bit delay programming feature provides users with the flexibility of handling different wire delays when
designing with source streams for different devices.
By default, all input streams have zero bit delay, such that bit 7 is the first bit that appears after the input frame
boundary (assuming ST-BUS formatting). The input delay is enabled by STIN[n]BD2-0 (bits 8 - 6) in the Stream
Input Control Register 0 - 31 (SICR0 - 31) as described in Table 61 on page 93. The input bit delay can range from
0 to 7 bits.
Figure 13 - Input Bit Delay Timing Diagram (ST-BUS)
FPi
STi[n]
Bit Delay = 0
(Default)
Channel 0
7
Channel 1
6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3 2
Channel 2
2 1 0
4 3
Last Channel
STi[n]
Bit Delay = 1
Channel 0
7
Channel 1
6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 5 4 3
Channel 2
2 1 0
4 3
Last Channel
Bit Delay = 1
5
Note: Last Channel = 31, 63, 127 and 255 for 2.048, 4.096, 8.192 and 16.384 Mbps modes respectively.


Similar Part No. - ZL50018

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018GAC ZARLINK-ZL50018GAC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018GAG2 ZARLINK-ZL50018GAG2 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018QCC ZARLINK-ZL50018QCC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018QCG1 ZARLINK-ZL50018QCG1 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
More results

Similar Description - ZL50018

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com