Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50018 Datasheet(PDF) 80 Page - Zarlink Semiconductor Inc

Part # ZL50018
Description  2 K Digital Switch with Enhanced Stratum 3 DPLL
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50018 Datasheet(HTML) 80 Page - Zarlink Semiconductor Inc

Back Button ZL50018 Datasheet HTML 76Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 77Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 78Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 79Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 80Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 81Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 82Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 83Page - Zarlink Semiconductor Inc ZL50018 Datasheet HTML 84Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
ZL50018
Data Sheet
80
Zarlink Semiconductor Inc.
Bit
Name
Description
15 - 0
MNL15 - 0
Multiple-Period Near Lower Limit Bits: Total binary value of these bits and the
MPNLLRU register bits defines the near lower limit for the multiple period count of any
reference input, minus 1. The unit of the binary value is measured in 100 MHz clock
periods.
Note 1: The default value represents near lower limit for all reference frequencies, which is -9.913 ppm (Stratum 3 compliant
value), regardless of the reference frequency.
Note 2: The name ’lower’ is based on frequency.
Table 46 - Multi-period Near Lower Limit Register - Lower 16 Bits (MPNLLRL)
Bit
Name
Description
15 - 0
MNL31 - 16
Multiple-Period Near Lower Limit Bits: Total binary value of these bits and the
MPNLLRL register bits defines the near lower limit for the multiple period count of
any reference input, minus 1. The unit of the binary value is measured in 100 MHz
clock periods.
Note 1: The default value represents near lower limit for all reference frequencies, which is -9.913 ppm (Stratum 3 compliant
value), regardless of the reference frequency.
Note 2: The name ’lower’ is based on frequency.
Table 47 - Multi-period Near Lower Limit Register - Upper 16 Bits (MPNLLRU)
External Read/Write Address: 0052H
Reset Value:F0B8H (Note 1)
15
14
13
12
11
10
9
8765
432
10
MNL
15
MNL
14
MNL
13
MNL
12
MNL
11
MNL
10
MNL
9
MNL
8
MNL
7
MNL
6
MNL
5
MNL
4
MNL
3
MNL
2
MNL
1
MNL
0
External Read/Write Address: 0053H
Reset Value: 3B9AH (Note 1)
15
14
13
12
11
10
9
8765
432
10
MNL
31
MNL
30
MNL
29
MNL
28
MNL
27
MNL
26
MNL
25
MNL
24
MNL
23
MNL
22
MNL
21
MNL
20
MNL
19
MNL
18
MNL
17
MNL
16


Similar Part No. - ZL50018

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018GAC ZARLINK-ZL50018GAC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018GAG2 ZARLINK-ZL50018GAG2 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018QCC ZARLINK-ZL50018QCC Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018QCG1 ZARLINK-ZL50018QCG1 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
More results

Similar Description - ZL50018

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022 Datasheet
939Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com