Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP89VZC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10EP89VZC
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89VZC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10EP89VZC Datasheet HTML 1Page - Micrel Semiconductor SY10EP89VZC Datasheet HTML 2Page - Micrel Semiconductor SY10EP89VZC Datasheet HTML 3Page - Micrel Semiconductor SY10EP89VZC Datasheet HTML 4Page - Micrel Semiconductor SY10EP89VZC Datasheet HTML 5Page - Micrel Semiconductor SY10EP89VZC Datasheet HTML 6Page - Micrel Semiconductor SY10EP89VZC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ECL Pro™
SY10EP89V
Micrel
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
f
MAX
Maximum Toggle Frequency(2)
3
——
3
——
3
——
GHz
t
PLH
Propagation Delay to
200
380
220
310
400
250
420
ps
t
PHL
Output Differential
t
SKEW
Within Device Skew(3)
Q, /Q
5.0
20
520
——
20
ps
Device-to-Device Skew
——
120
——
120
——
120
t
JITTER
Cycle-to-Cycle Jitter
0.5
< 1.0
0.5
< 1.0
0.5
< 1.0
ps
V
PP
Input Voltage Swing(4)
150
800
1200
150
800
1200
150
1200
mV
(Differential)
t
r
Output Rise/Fall Times
Q, /Q
120
350
130
250
350
150
350
ps
t
f
(20% to 80%)
Note 1.
Measured using a 750mV source, 50% duty cycle clock source. All loading with 50
Ω to V
CC –3.0V.
Note 2.
f
MAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
Note 3.
Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are
measured from the cross point of the inputs to the cross point of the outputs.
Note 4.
V
IL must not go below VCC –3.0V.
AC ELECTRICAL CHARACTERISTICS
V
CC = 0V, VEE = –3.0V to –5.5V; VCC = 3.0V to 5.5V, VEE = 0V
(1)
PRODUCT ORDERING CODE
Ordering
Package
Operating
Package
Code
Type
Range
Marking
SY10EP89VZC
Z8-1
Commercial
HEP89V
SY10EP89VZCTR(1)
Z8-1
Commercial
HEP89V
SY10EP89VKC
K8-1
Commercial
HP89
SY10EP89VKCTR(1)
K8-1
Commercial
HP89
Note 1.
Tape and Reel.
Note 2.
Recommended for new designs.
Ordering
Package
Operating
Package
Code
Type
Range
Marking
SY10EP89VZI(2)
Z8-1
Industrial
HEP89V
SY10EP89VZITR(1,2)
Z8-1
Industrial
HEP89V
SY10EP89VKI(2)
K8-1
Industrial
HP89
SY10EP89VKITR(1,2)
K8-1
Industrial
HP89


Similar Part No. - SY10EP89VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89VZC MICREL-SY10EP89VZC Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
SY10EP89VZCTR MICREL-SY10EP89VZCTR Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
More results

Similar Description - SY10EP89VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V_05 Datasheet
112Kb / 8P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com