Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4016C1D-KL10 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R4016C1D-KL10
Description  256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4016C1D-KL10 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R4016C1D-KL10 Datasheet HTML 1Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 2Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 3Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 4Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 5Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 6Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 7Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 8Page - Samsung semiconductor K6R4016C1D-KL10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
K6R4016C1D
CMOS SRAM
PRELIMPreliminaryPPPPPPPPPINARY
Rev 2.0
- 3 -
June 2003
256K x 16 Bit High-Speed CMOS Static RAM
The K6R4016C1D is a 4,194,304-bit high-speed Static Ran-
dom Access Memory organized as 262,144 words by 16 bits.
The K6R4016C1D uses 16 common input and output lines and
has an output enable pin which operates faster than address
access time at read cycle. Also it allows that lower and upper
byte access by data byte control(UB, LB). The device is fabri-
cated
using
SAMSUNG
′s advanced CMOS process and
designed for high-speed circuit technology. It is particularly well
suited for use in high-density high-speed system applications.
The K6R4016C1D is packaged in a 400mil 44-pin plastic SOJ
or TSOP(II) forward or 48 T BGA.
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 20mA(Max.)
(CMOS) : 5mA(Max.)
Operating K6R4016C1D-10 : 65mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Data Byte Control : LB : I/O1~ I/O8,
UB : I/O9~ I/O16
• Standard Pin Configuration
K6R4016C1D-J : 44-SOJ-400
K6R4016C1D-K : 44-SOJ-400(Lead-Free)
K6R4016C1D-T : 44-TSOP2-400BF
K6R4016C1D-U : 44-TSOP2-400BF (Lead-Free)
K6R4016C1D-E : 48-TBGA with 0.75 Ball pitch
(7mm X 9mm)
• Operating in Commercial and Industrial Temperature range.
Clk Gen.
I/O1~I/O 8
OE
UB
CS
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
1024 Rows
256 x 16 Columns
I/O Circuit &
I/O9~I/O 16
Data
Cont.
WE
LB
A 0
A 1
A 2
A 3
A 4
A 5
A 6
A 7
A 8
A 9
A10 A11 A12 A13 A 14 A 15 A16 A17


Similar Part No. - K6R4016C1D-KL10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016C1D-KL0810 SAMSUNG-K6R4016C1D-KL0810 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
More results

Similar Description - K6R4016C1D-KL10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com