Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4016C1D-KP8 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6R4016C1D-KP8
Description  256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4016C1D-KP8 Datasheet(HTML) 4 Page - Samsung semiconductor

  K6R4016C1D-KP8 Datasheet HTML 1Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 2Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 3Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 4Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 5Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 6Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 7Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 8Page - Samsung semiconductor K6R4016C1D-KP8 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
K6R4016C1D
CMOS SRAM
PRELIMPreliminaryPPPPPPPPPINARY
Rev 2.0
- 4 -
June 2003
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A0
A1
A2
A3
A4
CS
I/O1
I/O2
I/O3
I/O4
Vcc
Vss
I/O5
I/O6
I/O7
I/O8
WE
A5
A6
A7
A8
A9
PIN CONFIGURATION (Top View)
SOJ/
A 17
A 16
A 15
OE
UB
LB
I/O 16
I/O 15
I/O 14
I/O 13
Vss
Vcc
I/O 12
I/O 11
I/O 10
I/O 9
N.C
A 14
A 13
A 12
A 11
A 10
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
TSOP2
LB
OE
A0
A1
A2
N.C
I/O1
UB
A3
A4
CS
I/O9
I/O2
I/O3
A5
A6
I/O11
I/O10
Vss
I/O4
A17
A7
I/O12
Vcc
Vcc
I/O5
N.C
A16
I/O13
Vss
I/O7
I/O6
A14
A15
I/O14
I/O15
I/O8
N.C
A12
A13
WE
I/O16
N.C
A8
A9
A10
A11
N.C
1
2
3
4
5
6
A
B
C
D
E
F
G
H
48-TBGA
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, V OUT
-0.5 to V CC+0.5
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 7.0
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Industrial
TA
-40 to 85
°C
PIN FUNCTION
Pin Name
Pin Function
A0 - A17
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
LB
Lower-byte Control(I/O 1~I/O 8)
UB
Upper-byte Control(I/O 9~I/O 16)
I/O1 ~ I/O 16
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
N.C
No Connection


Similar Part No. - K6R4016C1D-KP8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4016C1D-KP0810 SAMSUNG-K6R4016C1D-KP0810 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
More results

Similar Description - K6R4016C1D-KP8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com