Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT461N Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDT461N
Description  N-Channel Logic Level PowerTrench MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT461N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDT461N Datasheet HTML 1Page - Fairchild Semiconductor FDT461N Datasheet HTML 2Page - Fairchild Semiconductor FDT461N Datasheet HTML 3Page - Fairchild Semiconductor FDT461N Datasheet HTML 4Page - Fairchild Semiconductor FDT461N Datasheet HTML 5Page - Fairchild Semiconductor FDT461N Datasheet HTML 6Page - Fairchild Semiconductor FDT461N Datasheet HTML 7Page - Fairchild Semiconductor FDT461N Datasheet HTML 8Page - Fairchild Semiconductor FDT461N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
FDT461N Rev. A1
Figure 11. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 12. Capacitance vs Drain to Source
Voltage
Figure 13. Gate Charge Waveforms for Constant Gate Current
Typical Characteristics T
A = 25°C unless otherwise noted
0.9
1.0
1.1
-80
-40
0
40
80
120
160
1.2
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1
10
100
0.1
1
10
100
200
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
0.5
1.0
1.5
2.0
2.5
Qg, GATE CHARGE (nC)
VDD = 50V
ID = 0.54A
Test Circuits and Waveforms
Figure 14. Unclamped Energy Test Circuit
Figure 15. Unclamped Energy Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0


Similar Part No. - FDT461N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT434 FAIRCHILD-FDT434 Datasheet
244Kb / 8P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDT434P FAIRCHILD-FDT434P Datasheet
244Kb / 8P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDT434P-NL VBSEMI-FDT434P-NL Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDT434P FAIRCHILD-FDT434P_11 Datasheet
239Kb / 5P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDT439N FAIRCHILD-FDT439N Datasheet
289Kb / 8P
   N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
More results

Similar Description - FDT461N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
226Kb / 6P
   N-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com