Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT28 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT28
Description  Dual Ultrafast Soft Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT28 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT28 Datasheet HTML 1Page - Vishay Siliconix BYT28 Datasheet HTML 2Page - Vishay Siliconix BYT28 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYT28, BYT28F, BYT28B, UG10GCT, UGF10GCT, UGB10GCTSeries
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88552
2
15-Apr-02
Maximum Ratings (TC = 25°C unless otherwise noted)
UG10FCT
UG10GCT
Parameter
Symbol
BYT28-300
BYT28-400
Unit
Maximum repetitive peak reverse voltage
VRRM
300
400
V
Maximum working reverse voltage
VRWM
300
400
V
Maximum RMS voltage
VRMS
210
280
Maximum DC blocking voltage
VDC
300
400
V
Maximum average forward rectified
total device
IF(AV)
10
A
current at TC = 100°C
per leg
5
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
60
A
on rated load (JEDEC Method) per leg
Operating junction and storage temperature range
TJ, TSTG
–40 to +150
°C
RMS Isolation voltage (BYT28F, UGF types)
4500(1)
from terminals to heatsink with t = 1 second, RH
≤ 30%
VISOL
3500(2)
V
1500(3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum instantaneous forward voltage per leg(4)
at IF = 5A, TJ = 25°C
VF
1.30
V
at IF = 10A, TJ = 25°C
1.40
at IF = 5A, TJ = 150°C
1.05
Maximum reverse current per leg
TJ = 25°C
10
at VRRM
TJ = 100°C
IR
200
µA
Maximum reverse recovery time per leg at
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
35
ns
Maximum reverse recovery time per leg at
IF = 1.0A, di/dt = 100A/
µs, VR = 30V, Irr = 0.1IRM
trr
50
ns
Maximum reverse recovery current per leg at
IRM
3.0
A
IF = 5A, di/dt = 50A/
µs, VR = 30V, TC = 100°C
Maximum stored charge per leg
IF = 2A, di/dt = 20A/
µs, VR = 30V, Irr = 0.1IRM
Qrr
50
nC
Thermal Characteristics (TC = 25°C unless otherwise noted)
UG10
UGF10
UGB10
Parameter
Symbol
BYT28
BYT28F
BYT28B
Unit
Typical thermal resistance junction to case
R
ΘJC
4.5
6.7
4.5
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle


Similar Part No. - BYT28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT28 PHILIPS-BYT28 Datasheet
42Kb / 5P
   Dual rectifier diodes ultrafast
October 1998 Rev 1.400
logo
WeEn Semiconductors
BYT28 WEEN-BYT28 Datasheet
793Kb / 9P
   Dual rectifier diodes ultrafast
logo
NXP Semiconductors
BYT28-300 PHILIPS-BYT28-300 Datasheet
42Kb / 5P
   Dual rectifier diodes ultrafast
October 1998 Rev 1.400
logo
Vishay Siliconix
BYT28-300 VISHAY-BYT28-300 Datasheet
158Kb / 5P
   Dual Ultrafast Soft Recovery Rectifier
Revision: 06-Nov-07
logo
WeEn Semiconductors
BYT28-300 WEEN-BYT28-300 Datasheet
793Kb / 9P
   Dual rectifier diodes ultrafast
More results

Similar Description - BYT28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYQ28E VISHAY-BYQ28E Datasheet
46Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
BYT28 VISHAY-BYT28_07 Datasheet
158Kb / 5P
   Dual Ultrafast Soft Recovery Rectifier
Revision: 06-Nov-07
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D100J ADPOW-APT2X30D100J Datasheet
68Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D30J ADPOW-APT2X30D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D60J ADPOW-APT2X30D60J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D120J ADPOW-APT2X60D120J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D30J ADPOW-APT2X60D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D40J ADPOW-APT2X30D40J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com