Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FJP5555 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FJP5555
Description  High Voltage Switch Mode Application
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FJP5555 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJP5555 Rev. 1.0.0
3
Typical Characteristics
Figure 1. Static Characteristics
Figure 2. DC Current Gain
Figure 3. Saturation Voltage
Figure 4. Saturation Voltage
Figure 5. Resistive Load Switching
Figure 6. Resistive Load Switching
0
1
2
3
4
5
6
7
8
9
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
B = 600mA
I
B = 200mA
I
B = 100mA
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1E-3
0.01
0.1
1
10
1
10
100
V
CE = 5V
Ta = 25
oC
Ta = 75
oC
Ta = 125
oC
Ta = - 25
oC
I
C [A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
Ta = 25
oC
Ta = 75
oC
I
C = 5 IB
Ta = 125
oC
Ta = - 25
oC
I
C [A], COLLECTOR CURRENT
0.01
0.1
1
10
0.01
0.1
1
10
Ta = 125
oC
Ta = 75
oC
Ta = 25
oC
Ta = - 25
oC
I
C = 5 IB
I
C [A], COLLECTOR CURRENT
0.1
1
0.01
0.1
1
t
F
t
STG
V
CC=125V
I
B1=45mA, IB2=0.5A
I
C [A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
t
F
t
STG
V
CC=250V
I
B1=0.5A, IB2=1.0A
I
C [A], COLLECTOR CURRENT


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FJP13007High Voltage Switch Mode Application 1 2 3 4 5 MoreFairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
MJE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP13009High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJPF5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13004High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13005FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn