Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD9602N Datasheet(PDF) 7 Page - OKI electronic componets

Part # OD9602N
Description   3.3-V Photo Diode Preamp Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OD9602N Datasheet(HTML) 7 Page - OKI electronic componets

Back Button OD9602N Datasheet HTML 3Page - OKI electronic componets OD9602N Datasheet HTML 4Page - OKI electronic componets OD9602N Datasheet HTML 5Page - OKI electronic componets OD9602N Datasheet HTML 6Page - OKI electronic componets OD9602N Datasheet HTML 7Page - OKI electronic componets OD9602N Datasheet HTML 8Page - OKI electronic componets OD9602N Datasheet HTML 9Page - OKI electronic componets OD9602N Datasheet HTML 10Page - OKI electronic componets OD9602N Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s OD9601N Photo Diode Preamp Module s
5
Oki Semiconductor
PACKAGE DIMENSIONS
(Units: mm)
Pin Configuration
Pin No.
Description
Pin No.
Description
01
VCC
05
Output (+)
02
GND
06
NC
03
GND
07
NC
04
Output (-)
08
GND
0.25
2.5
11.2
1.75
2.54 x 3
R1
0.46
2.5
1
4
5
8
(TOP VIEW)


Similar Part No. - OD9602N

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OD9 LSTD-OD9 Datasheet
620Kb / 1P
   1 degree electrical downtilt available on the 11dBi model
logo
ORION FANS
OD900 ORIONFANS-OD900 Datasheet
5Mb / 8P
   AC & EC FANS
OD9220 ORIONFANS-OD9220 Datasheet
110Kb / 1P
   12, 24V DC Fan 92x20mm (3.6?쓝 0.79??
OD9220 ORIONFANS-OD9220 Datasheet
5Mb / 8P
   AC & EC FANS
OD9220-12H ORIONFANS-OD9220-12H Datasheet
110Kb / 1P
   12, 24V DC Fan 92x20mm (3.6?쓝 0.79??
More results

Similar Description - OD9602N

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
   Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
   Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
   Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
   Infrared detector modules with preamp
C12495-111L HAMAMATSU-C12495-111L Datasheet
145Kb / 5P
   Infrared detector modules with preamp
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Sanyo Semicon Device
SPS-400 SANYO-SPS-400 Datasheet
109Kb / 1P
   Receiver Preamp Modules for Infrared Remote Controller
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
   2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
   PHOTO DIODE
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
   Photo Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com