Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SPY415 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EE-SPY415
Description  Photomicrosensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EE-SPY415 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EE-SPY415 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-SPY415 Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-SPY415 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EE-SPY415
EE-SPY415
213
Ratings (Ta = 25°C, Vcc = 12 V±10%)
Item
Limits
Detectable distance (See Note.)
11 ¦ 2 mm (Black paper and OHP paper) 11 ¦ 8 mm (White paper)
Non-detectable distance (See Note.) 20 mm (Black sponge) 45 mm (White paper)
Usable ambient illumination
3,000 Lx max. at Receiver surface (incandescent lamp, fluorescent lamp)
Vibration
Mechanical
durability
10 to 150 Hz, Peak acceleration 10G (100 m/s) 1.5 mm double amplitude for 2 hours each in
X, Y, Z directions
Shock
Mechanical
durability
300 m/s2 (approximately 30 G) in X, Y, Z directions, respectively 3 times
Resistance to
noise (normal
Faulty operation
200 Vp, pulse width: 1 μs
noise (normal
mode)
Break
350 Vp, pulse width: 1 μs
Resistance to
noise (common
Faulty operation
250 Vp, pulse width: 1 μs
noise (common
mode)
Break
500 Vp, pulse width: 1 μs
Terminal
Tensile strength
2 kgf (20 N), for 5 seconds
strength
Flexure strength
1 kgf (10 N) , 1 time, for 5 seconds
Note: If a background object is present, the object should be located at the specified non-detectable distance or further from the receiver
surface.
White paper: reflection factor of 90%
Black paper: reflection factor of 16%
Engineering Data
0
50
100
150
200
250
300
-40-30-20-10 0 10 203040 5060708090100
Ambient Temperature TA (°C)


Similar Part No. - EE-SPY415

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY415 OMRON-EE-SPY415 Datasheet
219Kb / 3P
   Photo IC circuitry greatly improves response time.
More results

Similar Description - EE-SPY415

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
logo
Omron Electronics LLC
EE-SA401-P2 OMRON-EE-SA401-P2 Datasheet
129Kb / 3P
   Photomicrosensor
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
EE-SH3 OMRON-EE-SH3_1 Datasheet
263Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com