Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BH-2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part No. BH-2
Description  BH-2 modular fuse blocks, 700 V, 400 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BH-2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  BH-2 Datasheet HTML 1Page - Eaton All Rights Reserved. BH-2 Datasheet HTML 2Page - Eaton All Rights Reserved. BH-2 Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 1202
Effective December 2016
Supersedes June 2002
BH-2 modular fuse blocks, 700 V, 400 A
Catalog symbol:
BH-2_
Description:
Bussmann™ series modular fuse blocks for bolt-
on high speed fuses. See mounting dimensions
table for applicable Bussmann series fuse catalog
numbers.
Specifications:
Ratings
Volts - 700 V
Amps - 400 A
Withstand rating - 200 kA RMS Sym. or the
applied fuse interrupting rating, whichever is
less
Agency information
UL® Recognized, Guide IZLT2, File E14853 up
to 700 V
CSA® Certified, Class 6225-01, File 47235 up to
700 V
CE
RoHS compliant
Materials
Base - light-weight, high temperature
thermoplastic
Mounting studs - plated steel
Washer - spring steel
Nuts - plated steel
Connector: tin-plated aluminum
Conductors — AWG Cu
Connector accepts 6 - 250 kcmil


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn