Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL805UT-E Datasheet(PDF) 7 Page - Micronas

Part # HAL805UT-E
Description  Programmable Linear Hall Effect Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL805UT-E Datasheet(HTML) 7 Page - Micronas

Back Button HAL805UT-E Datasheet HTML 3Page - Micronas HAL805UT-E Datasheet HTML 4Page - Micronas HAL805UT-E Datasheet HTML 5Page - Micronas HAL805UT-E Datasheet HTML 6Page - Micronas HAL805UT-E Datasheet HTML 7Page - Micronas HAL805UT-E Datasheet HTML 8Page - Micronas HAL805UT-E Datasheet HTML 9Page - Micronas HAL805UT-E Datasheet HTML 10Page - Micronas HAL805UT-E Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
PRELIMINARY DATA SHEET
HAL 805
Micronas
7
2.2. Digital Signal Processing and EEPROM
The DSP is the main part of this sensor and performs
the signal conditioning. The parameters for the DSP
are stored in the EEPROM registers. The details are
shown in Fig. 2–3.
Terminology:
SENSITIVITY: name of the register or register value
Sensitivity:
name of the parameter
The EEPROM registers consist of three groups:
Group 1 contains the registers for the adaption of the
sensor to the magnetic system: MODE for selecting
the magnetic field range and filter frequency, TC and
TCSQ for the temperature characteristics of the mag-
netic sensitivity.
Group 2 contains the registers for defining the output
characteristics: SENSITIVITY, VOQ, CLAMP-LOW,
and CLAMP-HIGH. The output characteristic of the
sensor is defined by these 4 parameters (see Fig. 2–4
and Fig. 2–5 for examples).
– The parameter VOQ (Output Quiescent Voltage) cor-
responds to the output voltage at B = 0 mT.
– The parameter Sensitivity defines the magnetic sen-
sitivity:
– The output voltage can be calculated as:
The output voltage range can be clamped by setting
the registers CLAMP-LOW and CLAMP-HIGH in order
to enable failure detection (such as short-circuits to
VDD or GND and open connections).
Group 3 contains the Micronas registers and LOCK for
the locking of all registers. The Micronas registers are
programmed and locked during production and are
read-only for the customer. These registers are used
for oscillator frequency trimming, A/D converter offset
compensation, and several other special settings.
An external magnetic field generates a Hall voltage on
the Hall plate. The ADC converts the amplified positive
or negative Hall voltage (operates with magnetic north
and south poles at the branded side of the package) to
a digital value. Positive values correspond to a mag-
netic north pole on the branded side of the package.
The digital signal is filtered in the internal low-pass fil-
ter and is readable in the ADC-READOUT register.
Depending on the programmable magnetic range of
the Hall IC, the operating range of the A/D converter is
from
−30 mT...+30 mT up to −150 mT...+150 mT.
During further processing, the digital signal is multi-
plied with the sensitivity factor, added to the quiescent
output voltage and limited according to the clamping
voltage. The result is converted to an analog signal
and stabilized by a push-pull output transistor stage.
The ADC-READOUT at any given magnetic field
depends on the programmed magnetic field range but
also on the filter frequency. Fig. 2–6 shows the typical
ADC-READOUT values for the different magnetic field
ranges with the filter frequency set to 2 kHz. The rela-
tionship between the minimum and maximum ADC-
READOUT values and the filter frequency setting is
listed in the following table.
∆V
OUT
∆B
Sensitivity =
VOUT Sensitivity × B + VOQ
Filter Frequency
ADC-READOUT RANGE
80 Hz
−3968...3967
160 Hz
−1985...1985
500 Hz
−5292...5290
1 kHz
−2646...2645
2 kHz
−1512...1511
–2000
–1500
–1000
–500
0
500
1000
1500
2000
–200–150–100 –50
0
50 100 150 200 mT
B
ADC-
READOUT
Range 150 mT
Filter = 2 kHz
Range 90 mT
Range 60 mT
Range 30 mT
Fig. 2–6: Typical ADC-READOUT
versus magnetic field for filter = 2 kHz


Similar Part No. - HAL805UT-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805UT-A MICRONAS-HAL805UT-A Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL805UT-K MICRONAS-HAL805UT-K Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
More results

Similar Description - HAL805UT-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251_12 Datasheet
414Kb / 20P
   Programmable Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com