Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB5001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FB5001
Description  50 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FB5001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FB5001 Datasheet HTML 1Page - List of Unclassifed Manufacturers FB5001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VF ' instantaneous forward voltage drop (V)
Characteristic Curves
Tj = 25ºC
1000
500
100
50
10
5
1
0.5
0
FB50
Tamb, ambient temperature (°C)
IF (AV)´ average forward current (A)
100
80
60
40
20
60
100
120
150
140
120
Number of cycles at 50Hz
1
2
4
6 10
20
40
60 100
300
100
0
0
0.4
0.8
1.2
1.6
20 30
5 0
40
2 0 4 0 6 0 8 0
10 0
0
40 0
50 0
0
20 40 5 0 60 80
130
120
140
160
600
60° 180°
DC
Interrelation between power dissipation and the max.
allowable ambient temperature.
10
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
Jan - 00


Similar Part No. - FB5001

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
FB5 EDI-FB5 Datasheet
80Kb / 2P
   HIGH VOLTAGE, HIGH CURENT, STANDARD & FAST RECOVERY, SILICON RECTIFIER DIODES
logo
Diodes Incorporated
FB5150D DIODES-FB5150D Datasheet
329Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
August 2022 Rev. 4 - 2
logo
Anaren Microwave
FB5153A5003A00 ANAREN-FB5153A5003A00 Datasheet
183Kb / 5P
   X0060L7575A00
FB5153A5003P00 ANAREN-FB5153A5003P00 Datasheet
183Kb / 5P
   X0060L7575A00
FB5153A50100A00 ANAREN-FB5153A50100A00 Datasheet
183Kb / 5P
   X0060L7575A00
More results

Similar Description - FB5001

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ5006L MCC-GBJ5006L Datasheet
471Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 600 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
SeCoS Halbleitertechnol...
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
   50 AMP Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FBI4A5M1 ETC1-FBI4A5M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
   8 Amp. Glass Passivated Bridge Rectifier
FBI4A7M1 ETC1-FBI4A7M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com