Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DSEI120-12A Datasheet(PDF) 2 Page - IXYS Corporation

Part No. DSEI120-12A
Description  Fast Recovery Epitaxial Diode (FRED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEI120-12A Datasheet(HTML) 2 Page - IXYS Corporation

  DSEI120-12A Datasheet HTML 1Page - IXYS Corporation DSEI120-12A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
DSEI 120, 1200 V
200
600
1000
0
400
800
200
250
300
350
400
450
500
0.001
0.01
0.1
1
10
0.01
0.1
1
0
40
80
120
160
0.4
0.6
0.8
1.0
1.2
1.4
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
10
30
50
0
20
40
60
0.0
0.5
1.0
1.5
V
FR
di
F/dt
V
200
600
1000
0
400
800
20
60
100
0
40
80
120
100
1000
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
ms
A
V
µC
A/
ms
A/
ms
t
rr
ns
t
fr
Z
thJC
A/
ms
µs
0.05
0.3
0.5
D=0.7
0.2
0.01
DSEI 120-12
Single Pulse
I
F=140A
I
F=
70A
I
F=
35A
T
VJ= 100°C
V
R = 600V
T
VJ= 100°C
I
F
= 100A
Fig. 3 Peak reverse current I
RM
versus -di
F/dt
Fig. 2 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
T
VJ=100°C
T
VJ=150°C
T
VJ= 100°C
V
R = 600V
T
VJ= 100°C
V
R = 600V
I
F=140A
I
F=
70A
I
F=
35A
Q
r
I
RM
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Recovery time t
rr versus -diF/dt
Fig. 6 Peak forward voltage V
FR and tfr
versus di
F/dt
I
F=140A
I
F=
70A
I
F=
35A
t
fr
V
FR
Fig. 7 Transient thermal resistance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.017
0.00038
2
0.0184
0.0026
3
0.1296
0.0387
4
0.185
0.274
T
VJ= 25°C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn