Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DSEI120-12A Datasheet(PDF) 1 Page - IXYS Corporation

Part No. DSEI120-12A
Description  Fast Recovery Epitaxial Diode (FRED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEI120-12A Datasheet(HTML) 1 Page - IXYS Corporation

  DSEI120-12A Datasheet HTML 1Page - IXYS Corporation DSEI120-12A Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
V
RSM
V
RRM
Type
V
V
1200
1200
DSEI 120-12A
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
100
A
I
FAVM ÿÿ
x
T
C = 60°C; rectangular, d = 0.5
109
A
I
FAV
y
T
C = 95°C; rectangular, d = 0.5
75
A
I
FRM
t
P < 10 ms; rep. rating, pulse width limited by TVJM
tbd
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
600
A
t = 8.3 ms (60 Hz), sine
660
A
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
540
A
t = 8.3 ms (60 Hz), sine
600
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1800
A2s
t = 8.3 ms (60 Hz), sine
1800
A2s
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
1450
A2s
t = 8.3 ms (60 Hz), sine
1500
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
P
tot
T
C = 25°C
357
W
M
d
Mounting torque
0.8...1.2
Nm
Weight
6g
Symbol
Test Conditions
Characteristic Values
typ.
max.
I
R
T
VJ = 25°CVR
= V
RRM
3mA
T
VJ = 25°CVR
= 0.8 • V
RRM
1.5
mA
T
VJ = 125°CVR
= 0.8 • V
RRM
20
mA
V
F
I
F = 70 A;
T
VJ = 150°C
1.55
V
T
VJ =25°C
1.8
V
V
T0
For power-loss calculations only
1.2
V
r
T
T
VJ = TVJM
4.6
m
W
R
thJC
0.35
K/W
R
thCK
0.25
K/W
R
thJA
35
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/ms; VR = 30 V; TVJ = 25°C40
60
ns
I
RM
V
R = 350 V;
I
F = 75 A; -diF/dt = 200 A/ms25
30
A
L
£ 0.05 mH; T
VJ = 100°C
DSEI 120
I
FAVM
= 109 A
V
RRM =
1200 V
t
rr
= 40 ns
x Chip capability, y limited to 70 A by leads
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
C
Features
q
International standard package
JEDEC TO-247 AD
q
Planar passivated chips
q
Very short recovery time
q
Extremely low switching losses
q
Low I
RM-values
q
Soft recovery behaviour
q
Epoxy meets UL 94V-0
Applications
q
Antiparallel diode for high frequency
switching devices
q
Anti saturation diode
q
Snubber diode
q
Free wheeling diode in converters
and motor control circuits
q
Rectifiers in switch mode power
supplies (SMPS)
q
Inductive heating and melting
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
High reliability circuit operation
q
Low voltage peaks for reduced
protection circuits
q
Low noise switching
q
Low losses
q
Operating at lower temperature or
space saving by reduced cooling
Dimensions
See DSEI 60-12 on page D5 - 27
Fast Recovery
Epitaxial Diode (FRED)
A
TO-247 AD
C
C
A
A = Anode, C = Cathode


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn