Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75PL127JBEBFWB2 Datasheet(PDF) 1 Page - SPANSION

Part # S75PL127JBEBFWB2
Description  Power supply woltage of 2.7 to 3.1 volt
Download  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL127JBEBFWB2 Datasheet(HTML) 1 Page - SPANSION

  S75PL127JBEBFWB2 Datasheet HTML 1Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 2Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 3Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 4Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 5Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 6Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 7Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 8Page - SPANSION S75PL127JBEBFWB2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 183 page
background image
ADVANCE
INFORMATION
Publication Number S75PL127J_00
Revision A Amendment 1 Issue Date January 6, 2005
S75PL127J MCPs
Stacked Multi-Chip Product (MCP)
CODE Flash, pSRAM and DATA Flash 128M (8M x 16-Bit CMOS 3.0 Volt-
Only, Simultaneous Operation, Page Mode CODE Flash Memory, with
64M/32M (4M/2M x 16-Bit) pSRAM and 512M/256/128M (32M/16M/8M x 16-
Bit) Data Flash Memory
MCP Features
Power supply voltage of 2.7 to 3.1 volt
High Performance
— 65ns for PL-J, 70ns for pSRAM, and 110ns for GL-N
— Page access - 25ns
Package
— 9 x 12 mm 84 ball FBGA
Operating Temperature
— –25°C to +85°C (Wireless)
Other temperature grade options
— Please contact the factory through the local sales
support team
General Description
The 75PL Series is a product line of stacked Multi-Chip Product (MCP) packages
and consists of:
One S29PL127J based CODE Flash device(s)
pSRAM
One or more S29GLxxxN based DATA Flash device(s)
Density
128M
256M
512M
128M
S75PL127JBD
S75PL127JBE
S75PL127JBF
Data Flash
32M pSRAM
Code Flash
Density
128M
256M
512M
128M
S75PL127JCD
S75PL127JCE
S75PL127JCF
Code Flash
64M pSRAM
Data Flash
Data Sheet


Similar Part No. - S75PL127JBEBFWB2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127NBF SPANSION-S75PL127NBF Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ0 SPANSION-S75PL127NBFJAWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ2 SPANSION-S75PL127NBFJAWGZ2 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJAWGZ3 SPANSION-S75PL127NBFJAWGZ3 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S75PL127NBFJFWGZ0 SPANSION-S75PL127NBFJFWGZ0 Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75PL127JBEBFWB2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000403-000001 MA-COM-MAFR-000403-000001 Datasheet
94Kb / 2P
   MAFR-000403-000001 2.7 GHz-3.1 GHz
logo
WOLFSPEED, INC.
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
   2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
logo
Power Integrations, Inc...
DI-76 POWERINT-DI-76 Datasheet
285Kb / 2P
   3.1 W Low Parts Count Power Supply
logo
ATMEL Corporation
AT45DB321C ATMEL-AT45DB321C Datasheet
610Kb / 37P
   32 MEGABIT 2.7 VOLT DATAFLASH
AT45DB321C ATMEL-AT45DB321C_06 Datasheet
632Kb / 40P
   32-megabit 2.7 volt DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
   2-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_08 Datasheet
1Mb / 54P
   32-megabit 2.7-volt DataFlash
AT45DB321D ATMEL-AT45DB321D_07 Datasheet
1Mb / 55P
   32-megabit 2.7-volt DataFlash
AT45DB011D ATMEL-AT45DB011D_07 Datasheet
1Mb / 52P
   1-megabit 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com