Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3418 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SK3418
Description  2SK3418
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3418 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SK3418 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 8Page - Hitachi Semiconductor 2SK3418 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SK3418
3
160
120
80
0
50
100
150
200
0.1
0.3
1
3
10
30
100
100
80
60
40
20
0
2
468
10
1000
300
100
30
10
1
0.3
0.1
3
Ta = 25
10
µs
100
µs
1 ms
DC
Operation
(Tc
=
25
)
PW
=
10
ms
(1
shot)
3 V
40
5 V
4 V
2.5 V
100
80
60
40
20
0
12
34
5
Tc = –25
25
75
V
= 10 V
パルス測定
DS
パルス測定
V
= 10 V
GS
ケース温度
Tc (℃)
許容チャネル損失の
ケース温度による変化
ドレイン・ソース電圧
V
(V)
DS
安全動作領域
ゲート・ソース電圧
V
(V)
GS
ソース接地伝達静特性
ドレイン・ソース電圧
V
(V)
DS
ソース接地出力静特性
この範囲の動作は
R
の値によって
制限されます
DS(on)


Similar Part No. - 2SK3418

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3418 RENESAS-2SK3418 Datasheet
116Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK3418 VBSEMI-2SK3418 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3418-E RENESAS-2SK3418-E Datasheet
116Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3418 RENESAS-2SK3418_15 Datasheet
136Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com