Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC546MS8G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC546MS8G
Description  GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC546MS8G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC546MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 6Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 7Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 8Page - Hittite Microwave Corporation HMC546MS8G Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
14
14 - 309
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Voltage with 785 MHz Tuning
Return Loss with 785 MHz Tuning
Insertion Loss vs.
Temperature, Tx with 785 MHz Tuning
Isolation with 785 MHz Tuning
-3
-2.5
-2
-1.5
-1
-0.5
0
0.7
0.75
0.8
0.85
Tx, +25C
Tx, +85C
Tx, -40C
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.7
0.75
0.8
0.85
Rx, +25C
Rx, +85C
Rx, -40C
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.7
0.75
0.8
0.85
RFC to Tx
RFC to Rx
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.7
0.75
0.8
0.85
Tx, Input
Tx, Output
Rx, Input
Rx, Output
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
65
70
75
34
56
78
RFC to Tx
RFC to Rx
VOLTAGE (Vdc)
Insertion Loss vs.
Temperature, Rx with 785 MHz Tuning
v02.0805
GaAs MMIC 10W T/R SWITCH
0.2 - 2.2 GHz
HMC546MS8G / 546MS8GE


Similar Part No. - HMC546MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546MS8G HITTITE-HMC546MS8G Datasheet
436Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC546MS8GE HITTITE-HMC546MS8GE Datasheet
436Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Analog Devices
HMC546MS8GE AD-HMC546MS8GE Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
HMC546MS8GETR AD-HMC546MS8GETR Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
More results

Similar Description - HMC546MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC446 HITTITE-HMC446_08 Datasheet
177Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC446 HITTITE-HMC446 Datasheet
162Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz
HMC446 HITTITE-HMC446_06 Datasheet
236Kb / 6P
   GaAs MMIC 10W T/R SWITCH, 824 - 894 MHz*
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com