Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2003AIN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003AIN
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003AIN Datasheet(HTML) 4 Page - Texas Instruments

  ULN2003AIN Datasheet HTML 1Page - Texas Instruments ULN2003AIN Datasheet HTML 2Page - Texas Instruments ULN2003AIN Datasheet HTML 3Page - Texas Instruments ULN2003AIN Datasheet HTML 4Page - Texas Instruments ULN2003AIN Datasheet HTML 5Page - Texas Instruments ULN2003AIN Datasheet HTML 6Page - Texas Instruments ULN2003AIN Datasheet HTML 7Page - Texas Instruments ULN2003AIN Datasheet HTML 8Page - Texas Instruments ULN2003AIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
ULN2003AI
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS054B – JULY 2003 – REVISED FEBRUARY 2005
T
A = –40°C to 105°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IC = 200 mA
2.7
VI(on)
On-state input voltage
5
VCE = 2 V
IC = 250 mA
2.9
V
IC = 300 mA
3
II = 250 µA,
IC = 100 mA
0.9
1.2
VCE(sat)
Collector-emitter saturation voltage
4
II = 350 µA,
IC = 200 mA
1
1.4
V
II = 500 µA,
IC = 350 mA
1.2
1.7
ICEX
Collector cutoff current
1
VCE = 50 V,
II = 0
100
µA
VF
Clamp forward voltage
7
IF = 350 mA
1.7
2.2
V
II(off)
Off-state input current
2
VCE = 50 V,
IC = 500 µA
30
65
µA
II
Input current
3
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
6
VR = 50 V
100
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
T
A = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 8
0.25
1
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 8
0.25
1
µs
VOH
High-level output voltage after switching
VS = 50 V,
IO ≈ 300 mA, See Figure 9
VS – 20
mV
T
A = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 8
1
10
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 8
1
10
µs
VOH
High-level output voltage after switching
VS = 50 V,
IO ≈ 300 mA, See Figure 9 VS – 50
mV
4


Similar Part No. - ULN2003AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003AIN TI-ULN2003AIN Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003AIN TI1-ULN2003AIN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003AIN TI1-ULN2003AIN Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2003AIN TI1-ULN2003AIN Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2003AIN TI1-ULN2003AIN Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
More results

Similar Description - ULN2003AIN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com