Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM9810 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM9810
Description  8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9810 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM9810 Datasheet HTML 1Page - OKI electronic componets MSM9810 Datasheet HTML 2Page - OKI electronic componets MSM9810 Datasheet HTML 3Page - OKI electronic componets MSM9810 Datasheet HTML 4Page - OKI electronic componets MSM9810 Datasheet HTML 5Page - OKI electronic componets MSM9810 Datasheet HTML 6Page - OKI electronic componets MSM9810 Datasheet HTML 7Page - OKI electronic componets MSM9810 Datasheet HTML 8Page - OKI electronic componets MSM9810 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5/31
¡ Semiconductor
MSM9810
LDA0
O
LEFT side D/A output pin.
RDA0
O
RIGHT side D/A output pin.
XT
I
Crystal or ceramic oscillator connection pin.
A feedback resistor of about 1MW is connected between XT and XT.
If necessary, enter external clocks into this pin.
XT
O
Crystal or ceramic oscillator connection pin.
When external clocks are used, leave this pin open.
Data bus pin for CPU interface when parallel input interface is selected.
When WR is "L", this pin serves as data input pin.
When RD is "L", this pin serves as channel status output pin.
When serial input interface is selected, this pin serves as channel status
output pin.
When UD is "H", channels 8 thru 5 are output to SR3 thru SR0, respectively.
When UD is "L", channels 4 thru 1 are output to SR3 thru SR0, respectively.
D0/SR0
I/O
D1/SR1
D2/SR2
D3/SR3
When this pin is "L" level, the LSI is initialized. At that time, oscillation
stopsand D/A outputs go to GND level.
RESET
I
NCR/BUSY
I
Channel status select pin.
When this pin is "H", NCR signal is output. When it is "L", BUSY signal is
output.
TEST1
I
Pins for IC testing. Apply "L" level to these pins.
Pull-down resistors are internally connected to these pins.
DVDD
Power supply pin.
DGND
GND pin.
24
23
22
21
4
5
11
12
29
19
9
7, 48
1, 32
TEST2
AVDD
AGND
10
6
2
TEST3
13
Symbol
Type
Description
Pin
TEST4
3
I
Pins for IC testing. Apply "L" level to these pins.
D4/UD
I/O
Data bus pin for CPU interface when parallel input interface is selected.
When WR is "L", this pin serves as data input pin.
When RD is "L", this pin serves as channel status output pin.
When serial input interface is selected, this pin serves as channel status
selecter pin.
When UD is "H", channels 8 thru 5 are output to SR3 thru SR0, respectively.
When UD is "L", channels 4 thru 1 are output to SR3 thru SR0, respectively.
25


Similar Part No. - MSM9810

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810BGS-BK OKI-MSM9810BGS-BK Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
More results

Similar Description - MSM9810

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
MSM6295 OKI-MSM6295 Datasheet
567Kb / 16P
   4-CHANNEL MIXING ADPCM VOICE SYNTEHSIS LSI
logo
Tontek Design Technolog...
TT5665 TONTEK-TT5665 Datasheet
472Kb / 18P
   8-CHANNEL ADPCM VOICE SYNTEHSIS LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com