Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL6448BC20-30 Datasheet(PDF) 2 Page - GSR Technology Ltd

Part # NL6448BC20-30
Description  TFT Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSR [GSR Technology Ltd]
Direct Link  https://www.gsr-technology.co.uk/
Logo GSR - GSR Technology Ltd

NL6448BC20-30 Datasheet(HTML) 2 Page - GSR Technology Ltd

  NL6448BC20-30 Datasheet HTML 1Page - GSR Technology Ltd NL6448BC20-30 Datasheet HTML 2Page - GSR Technology Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
TFT Modules
 
Luminance in cd/sq.m 
600 
Contrast 
800:1 
Viewing angle in ° 
80,80,80,80 
Response time (rise+fall) in msec. 
18 
Color gamut 
40% 
Portrait 
 
Display type 
TN (ColorXcell) 
LED lifetime in Khours 
70 
Operating temperature in °C. 
­30~80 
Storage temperature in °C. 
­30~80 
Touch (PCAP) 
 
Weight in g 
150 
Outline dimension (Width x Height x
Thickness) in mm 
153.0 x 118.0 x 8.2 
Active area 
 
View direction 
 
 
© GSR Technology 2016
www.gsr-technology.co.uk
Page 2


Similar Part No. - NL6448BC20-30

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NL6448BC20-30C RENESAS-NL6448BC20-30C Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
logo
GSR Technology Ltd
NL6448BC20-30C GSR-NL6448BC20-30C Datasheet
269Kb / 2P
   TFT Modules
NL6448BC20-30D GSR-NL6448BC20-30D Datasheet
268Kb / 2P
   TFT Modules
NL6448BC20-30F GSR-NL6448BC20-30F Datasheet
268Kb / 2P
   TFT Modules
NL6448BC20-30JF GSR-NL6448BC20-30JF Datasheet
323Kb / 2P
   TFT Modules
More results

Similar Description - NL6448BC20-30

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
NL10276BC20-18D GSR-NL10276BC20-18D Datasheet
268Kb / 2P
   TFT Modules
NL10276BC24-36KD GSR-NL10276BC24-36KD Datasheet
323Kb / 2P
   TFT Modules
NL12880BC20-05 GSR-NL12880BC20-05 Datasheet
280Kb / 2P
   TFT Modules
NL12880BC20-05BD GSR-NL12880BC20-05BD Datasheet
281Kb / 2P
   TFT Modules
NL8060AC26-52D GSR-NL8060AC26-52D Datasheet
281Kb / 2P
   TFT Modules
NL8060BC21-11D GSR-NL8060BC21-11D Datasheet
267Kb / 2P
   TFT Modules
NL10276AC30-52C GSR-NL10276AC30-52C Datasheet
322Kb / 2P
   TFT Modules
NL12880BC20-05D GSR-NL12880BC20-05D Datasheet
281Kb / 2P
   TFT Modules
NL160120AC27-32 GSR-NL160120AC27-32 Datasheet
267Kb / 2P
   TFT Modules
NL160120AM27-33A GSR-NL160120AM27-33A Datasheet
321Kb / 2P
   TFT Modules
NL192108AC13-02D GSR-NL192108AC13-02D Datasheet
321Kb / 2P
   TFT Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com