Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1330YP-70-IND Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1330YP-70-IND
Description  256k Nonvolatile SRAM with Battery Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1330YP-70-IND Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1330YP-70-IND Datasheet HTML 1Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 2Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 3Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 4Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 5Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 6Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 7Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 8Page - Dallas Semiconductor DS1330YP-70-IND Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1330Y/AB
3 of 11
PACKAGES
The 34-pin PowerCap module integrates SRAM memory and NV control along with contacts for
connection to the lithium battery in the DS9034PC PowerCap. The PowerCap module package design
allows a DS1330 PCM device to be surface mounted without subjecting its lithium backup battery to
destructive high-temperature reflow soldering. After a DS1330 PCM is reflow soldered, a DS9034PC is
snapped on top of the PCM to form a complete NV SRAM module. The DS9034PC is keyed to prevent
improper attachment. DS1330 PowerCap modules and DS9034PC PowerCaps are ordered separately and
shipped in separate containers. See the DS9034PC data sheet for further information.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature Range
0°C to 70°C, -40°C to +85°C for IND parts
Storage Temperature Range
-40°C to +70°C, -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
DS1330AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1330Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.8
V
DC ELECTRICAL
(VCC = 5V
± 5% for DS1330AB)
CHARACTERISTICS
(tA: See Note 10) (VCC = 5V
± 10% for DS1330Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Leakage Current
IIL
-1.0
+1.0
mA
I/O Leakage Current CE
³ VIH £ VCC
IIO
-1.0
+1.0
mA
Output Current @ 2.2V
IOH
-1.0
mA
14
Output Current @ 0.4V
IOL
2.0
mA
14
Standby Current CE =2.2V
ICCS1
200
600
mA
Standby Current CE =VCC-0.5V
ICCS2
50
150
mA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1330AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1330Y)
VTP
4.25
4.37
4.5
V


Similar Part No. - DS1330YP-70-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1330YP-100-IND DALLAS-DS1330YP-100-IND Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
DS1330YP-100-IND DALLAS-DS1330YP-100-IND Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
More results

Similar Description - DS1330YP-70-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1330Y DALLAS-DS1330Y_10 Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330AB MAXIM-DS1330AB Datasheet
217Kb / 10P
   256k Nonvolatile SRAM with Battery Monitor
19-5593; Rev 10/10
logo
Dallas Semiconductor
DS1330YL DALLAS-DS1330YL Datasheet
219Kb / 9P
   256K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1330YL MAXIM-DS1330YL Datasheet
386Kb / 9P
   256K Nonvolatile SRAM with Battery Monitor
022598
DS1330W MAXIM-DS1330W Datasheet
224Kb / 10P
   3.3V 256k Nonvolatile SRAM with Battery Monitor
19-5590; Rev 10/10
logo
Dallas Semiconductor
DS1330W DALLAS-DS1330W Datasheet
107Kb / 11P
   3.3V 256K Nonvolatile SRAM with Battery Monitor
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com