Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F29C51004T90J Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # F29C51004T90J
Description  The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F29C51004T90J Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  F29C51004T90J Datasheet HTML 1Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 2Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 3Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 4Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 5Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 6Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 7Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 8Page - List of Unclassifed Manufacturers F29C51004T90J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
F29C51004T/F29C51004B V1.0 November 1998
SyncMOS
F29C51004T/F29C51004B
Absolute Maximum Ratings(1)
NOTE:
1.
Stress greater than those listed unders “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2.
No more than one output maybe shorted at a time and not exceeding one second long.
DC Electrical Characteristics
(over the commercial operating range)
Symbol
Parameter
Commercial
Industrial
Unit
VIN
Input Voltage (input or I/O pins)
-2 to +7
-2 to +7
V
VIN
Input Voltage (A9 pin, OE)
-2 to +13
-2 to +13
V
VCC
Power Supply Voltage
-0.5 to +5.5
-0.5 to +5.5
V
TSTG
Storage Temerpature (Plastic)
-65 to +125
-65 to +150
°C
TOPR
Operating Temperature
0 to +70
-40 to + 85
°C
IOUT
Short Circuit Current(2)
200 (Max.)
200 (Max.)
mA
Parameter
Name
Parameter
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
VCC = VCC Min.
0.8
V
VIH
Input HIGH Voltage
VCC = VCC Max.
2
V
IIL
Input Leakage Current
VIN = GND to VCC, VCC = VCC Max.
±1
µA
IOL
Output Leakage Current
VOUT = GND to VCC, VCC = VCC Max.
±10
µA
VOL
Output LOW Voltage
VCC = VCC Min., IOL = 2.1mA
0.4
V
VOH
Output HIGH Voltage
VCC = VCC Min, IOH = -400µA
2.4
V
ICC1
Read Current
CE = OE = VIL, WE = VIH, all I/Os open,
Address input = VIL/VIH, at f = 1/tRC Min.,
VCC = VCC Max.
30
mA
ICC2
Write Current
CE = WE = VIL, OE = VIH, VCC = VCC Max.
40
mA
ISB
TTL Standby Current
CE = OE = WE = VIH, VCC = VCC Max.
1
mA
ISB1
CMOS Standby Current
CE = OE = WE = VCC – 0.3V, VCC = VCC Max.
50
µA
VH
Device ID Voltage for A9
CE = OE = VIL, WE = VIH
11.5
12.5
V
IH
Device ID Current for A9
CE = OE = VIL, WE = VIH, A9 = VH Max.
50
µA


Similar Part No. - F29C51004T90J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001B ETC1-F29C51001B Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001T ETC1-F29C51001T Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - F29C51004T90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT25FS040 ATMEL-AT25FS040_07 Datasheet
656Kb / 25P
   High Speed Small Sectored SPI Flash Memory 4M (524,288 x 8)
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com