Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7811IDGSR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7811IDGSR
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7811IDGSR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7811IDGSR Datasheet HTML 6Page - Texas Instruments DAC7811IDGSR Datasheet HTML 7Page - Texas Instruments DAC7811IDGSR Datasheet HTML 8Page - Texas Instruments DAC7811IDGSR Datasheet HTML 9Page - Texas Instruments DAC7811IDGSR Datasheet HTML 10Page - Texas Instruments DAC7811IDGSR Datasheet HTML 11Page - Texas Instruments DAC7811IDGSR Datasheet HTML 12Page - Texas Instruments DAC7811IDGSR Datasheet HTML 13Page - Texas Instruments DAC7811IDGSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
OPA277
DAC7811
I
OUT1
V
OUT
15V
V+
V
−15V
R
FB
GND
V
DD
V
DD
V
REF
I
OUT2
Serial Interface
Input Shift Register
DAC7811
SBAS337 – APRIL 2005
Theory of Operation (continued)
For best linearity performance of the DAC7811, an op amp (OPA277) is recommended (see Figure 26). This
circuit allows VREF swinging from –10 V to +10 V.
Figure 26. Voltage Output Configuration
Table 2. Control Logic Truth Table(1)
CLK
SYNC
SERIAL SHIFT REGISTER
DAC REGISTER
X
H
No effect
Latched
↑+
L
Shift register data advanced one bit
Latched
X
↑+
In daisy-chain mode the function as determined by
In daisy-chain mode the contents may chage
C3-C0 is executed.
as determined by C3-C0.
(1)
↑+ Positive logic transition; X = Do not care.
The DAC7811 has a three-wire serial interface (SYNC, SCLK, and SDIN), which is compatible with SPI, QSPI,
and MICROWIRE interface standards as well as most Digital Signal Processor (DSP) devices. See the Serial
Write Operation timing diagram for an example of a typical write sequence. The write sequence begins by
bringing the SYNC line low. Data from the DIN line is clocked into the 16-bit shift register on the falling edge of
SCLK. The serial clock frequency can be as high as 50MHz, making the DAC7811 compatible with high-speed
DSPs. The SDIN and SCLK input buffers are gated off while SYNC is high which minimizes the power
dissipation of the digital interface. After SYNC goes low, the digital interface will respond to the SDIN and SCLK
input signals and data can now be shifted into the device. If an inactive clock edge occurs after SYNC goes low,
but before the first active clock edge, it will be ignored. If the SDO pin is being used then SYNC must remain low
until after the inactive clock edge that follows the 16th active clock edge.
The input shift register is 16 bits wide, as shown in Figure 27. The four MSBs are the control bits C3 – C0; these
bits determine which function will be executed at the rising edge of SYNC in daisy-chain mode or the 16th active
clock edge in stand-alone mode. The remaining 12 bits are the data bits. On a load and update command
(C3–C0 = 0001) these 12 data bits will be transferred to the DAC register; otherwise, they have no effect.
4 CONTROL BITS
12 DATA BITS
C3
C2
C1
C0
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MSB
LSB
DB15
Figure 27. Contents of the 16-Bit Input Shift Register
10


Similar Part No. - DAC7811IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811IDGSR TI1-DAC7811IDGSR Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811IDGSRG4 TI1-DAC7811IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC7811IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com