Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FMM1103VJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. FMM1103VJ
Description  The FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

FMM1103VJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Edition 1.4
September 2004
FMM1103VJ
GaAs Microwave Frequency Divider
DESCRIPTION
The FMM1103VJ is a GaAs Microwave Static Frequency Divider
designed for dividing an input signal by 8 over a frequency range
from 2.0 to 12.0 GHz. This part is designed for Microwave Frequency
Synthesizer and Phase-Locked Oscillator applications.
Eudyna’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.
FEATURES
• Operation to 12.0 GHz
• Input Frequency divide by 8, OUT and OUT
• -5V (or+5V) DC Single Power Supply
• External 50 ohm Load Driving Capability
• Small 10 pin Hermetic SMT-10 Package (VJ)
• Tape and Reel available
Parameter
Supply Voltage
Input Voltage
Input Power
Storage Temperature
Power Dissipation
Symbol
Vss
-7.0 to 0
Vss to 0
-55 to +125
1.0
+13.0
V
V
dBm
°C
W
Vin
Pin
Tstg
PD
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25
°C)
Parameter
Power Supply Voltage
Symbol
Vss
-5.5
-5.0
-4.5
V
Case Temperature
Tc
-40
-
+85
°C
Unit
Limit
Typ.
Max.
Min.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Power Supply Current
Iss
-90
-
mA
Operating Frequency
fin
2.0
-
12.0
Pin = 0~10dBm
GHz
Output Power
Po
0
8
-
dBm
Condition
Unit
Limit
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Case Temperature Tc = -40
°C ~ +85°C, Vss = -4.5 ~ -5.5V)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn