Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24FC02UITE13REV-E Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24FC02UITE13REV-E
Description  The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC02UITE13REV-E Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24FC02UITE13REV-E Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC02UITE13REV-E Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24FC02
3
Doc No. 1072, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Write Cycle Limits
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
5
ms
A.C. CHARACTERISTICS
VCC = 2.5 V to 5.5 V, unless otherwise specified.
Read & Write Cycle Limits
Symbol
Parameter
2.5 V - 5.5 V
Min
Max
Units
FSCL
Clock Frequency
0
400
kHz
TI(1)
Noise Suppression Time Constant at SCL, SDA Inputs
100
ns
tAA
SCL Low to SDA Data Out and ACK Out
900
ns
tBUF(1)
Time the Bus Must be Free Before a New Transmission
1300
ns
Can Start
tHD:STA
Start Condition Hold Time
600
ns
tLOW
Clock Low Period
1300
ns
tHIGH
Clock High Period
600
ns
tSU:STA
Start Condition Setup Time
600
ns
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
ns
tSU:DAT
Data In Setup Time
100
ns
tR(1)
SDA and SCL Rise Time
300
ns
tF(1)
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
600
ns
tDH
Data Out Hold Time
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(1)(2)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.


Similar Part No. - CAT24FC02UITE13REV-E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLETE13 CATALYST-CAT24FC01GLETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLITE13 CATALYST-CAT24FC01GLITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWETE13 CATALYST-CAT24FC01GWETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWITE13 CATALYST-CAT24FC01GWITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC02UITE13REV-E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062AV33 CYPRESS-CY7C1062AV33 Datasheet
188Kb / 9P
   The CY7C1062AV33 is a high-performance CMOS Static RAM organized as 524,288 words by 32 bits.
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com