Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP6134 Datasheet(PDF) 5 Page - Fitipower Integrated Technology Inc.

Part # FP6134
Description  600mA Low Dropout Linear Regulator with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6134 Datasheet(HTML) 5 Page - Fitipower Integrated Technology Inc.

  FP6134 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6134 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FP6134-2.2-APR-2014
FP6134
85T
fitipower integrated technology lnc.
Typical Performance Curves
Figure 4. Quiescent Current vs. Input Voltage
Figure 5. Current limit vs. Input Voltage
Figure 6. Current limit vs. Temperature
Figure 7. Quiescent Current vs. Temperature
Figure 8. Output Voltage vs. Temperature
Figure 9. Dropout Voltage vs. Temperature (VOUT=2.8V)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
30
35
40
45
50
Input Voltage(v)
3.5
4.0
4.5
5.0
5.5
6.0
650
700
750
800
850
Vout=3.3V
Cin=1uF
Cout=1uF
Input Voltage(V)
-25
0
25
50
75
100
125
650
700
750
800
850
Vin=5V
Vout=3.3V
Cin=1uF
Cout=1uF
Temperature(
0C)
-40
-20
0
20
40
60
80
100
120
20
30
40
50
60
Temperaure(
oC)
-25
0
25
50
75
100
125
0.990
0.991
0.992
0.993
0.994
0.995
0.996
0.997
0.998
0.999
1.000
Temperature(
o
C)
0
100
200
300
400
500
600
0
200
400
600
800
1000
Tj=-40
o
C
Tj=25
oC
Tj=85
o
C
Tj=125
oC
Loading Current(mA)


Similar Part No. - FP6134

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP6134 APITECH-FP6134 Datasheet
66Kb / 1P
   RF AMPLIFIER MODEL
FP6134PM APITECH-FP6134PM Datasheet
96Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - FP6134

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
   600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com