Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZK-L Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HZK-L
Description  Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HZK-L Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HZK-L Series
Silicon Epitaxial Planar Zener Diodes for Stabilized Power
Supply
ADE-208-127B (Z)
Rev. 2
Features
• Low leakage, low zener impedance and maximum power dissipation of 400mW.
• Wide spectrum from 5.2V through 38V of zener voltage provide flexible application.
• LLD package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Mark
Package Code
HZK-L Series
Color Code
LLD
Outline
1. Cathode
2. Anode
12
Cathode band
3rd. band
2nd. band
12
Cathode band
3rd. band
2nd. band
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Power dissipation
Pd*
400
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–55 to +175
°C
Note:
With P.C. Board.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn