Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC132 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74HC132
Description  High Speed CMOS Logic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC132 Datasheet(HTML) 4 Page - Silicon Supplies

  74HC132 Datasheet HTML 1Page - Silicon Supplies 74HC132 Datasheet HTML 2Page - Silicon Supplies 74HC132 Datasheet HTML 3Page - Silicon Supplies 74HC132 Datasheet HTML 4Page - Silicon Supplies 74HC132 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
DC Electrical Characteristics Continued (Voltages referenced to GND)
High Speed CMOS Logic – 74HC132
Rev 1.0
21/11/17
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
2V
1.2
1.2
1.2
4.5V
2.25
2.25
2.25
Maximum Hysteresis
Voltage
5
VH MAX
6.0V
VOUT = 0.1V or
VCC -0.1V
│IOUT│≤ 20µA
3.0
3.0
3.0
V
2V
0.2
0.2
0.2
4.5V
0.4
0.4
0.4
Minimum Hysteresis
Voltage
VH MIN
6.0V
VOUT = 0.1V or
VCC -0.1V
│IOUT│≤ 20µA
0.5
0.5
0.5
V
2V
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
6.0V
VIN ≤ VT- MIN or
VT+ MAX
│IOUT│≤ 20µA
5.9
5.9
5.9
V
4.5V
VIN ≤ VT- MIN or
VT+ MAX
│IOUT│≤ 4.0mA
3.98
3.84
3.84
V
Minimum High-Level
Output Voltage
VOH
6.0V
VIN ≤ VT- MIN or
VT+ MAX
│IOUT│≤ 5.2mA
5.48
5.34
5.34
V
2V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN ≥ VT+ MAX
│IOUT│≤ 20µA
0.1
0.1
0.1
V
4.5V
VIN ≥ VT+ MAX
│IOUT│≤ 4.0mA
0.26
0.33
0.33
V
Maximum Low-Level
Output Voltage
VOL
6.0V
VIN ≥ VT+ MAX
│IOUT│≤ 5.2mA
0.26
0.33
0.33
V
Maximum Input
Leakage Current
IIN
6.0V
VIN = VCC or
GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Current
ICC
6.0V
VIN = VCC or
GND,
IOUT = 0µA
1.0
10
10
µA
 
4.  0˚C ≤ TJ ≤ +85˚C
5.  VH MIN > (VT+ MIN) - (VT- MAX); VH MAX = (VT+ MAX)+(VT- MIN)


Similar Part No. - 74HC132

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC132 PHILIPS-74HC132 Datasheet
70Kb / 8P
   Quad 2-input NAND Schmitt trigger
September 1993
logo
ON Semiconductor
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Nexperia B.V. All right...
74HC132 NEXPERIA-74HC132 Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132-Q100 NEXPERIA-74HC132-Q100 Datasheet
248Kb / 19P
   Quad 2-input NAND Schmitt trigger
74HC132BQ NEXPERIA-74HC132BQ Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
More results

Similar Description - 74HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
   High Speed CMOS Logic
Rev 1.2 22/12/21
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
   High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
   High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
   High Speed CMOS Logic
54HC00 SS-54HC00 Datasheet
372Kb / 5P
   High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
   High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com