Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BP9918C Datasheet(PDF) 2 Page - Bright Power Semiconductor Co., Ltd.

Part No. BP9918C
Description  Non-isolated Buck Offline LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP9918C Datasheet(HTML) 2 Page - Bright Power Semiconductor Co., Ltd.

  BP9918C Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP9918C Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BP9918C
Non-isolated Buck Offline LED Driver
BP9918C_EN _DS_Rev.1.3
www.bpsemi.com
2
BPS Confidential – Customer Use Only
晶丰明源半导体
Ordering Information
Part Number
Package
Operating
Temperature
Packing Method
Marking
BP9918C
SOT23-3
-40 ℃ to 105 ℃
Tape
3,000 Pcs/Reel
9918C
Pin Configuration and Marking Information
VCC
CS
DRAIN 1
9918C
3
2
Figure 2. Pin configuration
Pin Definition
Pin No.
Name
Description
1
DRAIN
Internal HV Power MOSFET Drain.
2
VCC
Power Supply Pin.
3
CS
IC GND Pin, also for Current Sense. Connect a sense resistor between
this pin and power GND.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn