Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BP8519C Datasheet(PDF) 2 Page - Bright Power Semiconductor Co., Ltd.

Part No. BP8519C
Description  Non-isolated Offline CV Converter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BPS [Bright Power Semiconductor Co., Ltd.]
Homepage  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP8519C Datasheet(HTML) 2 Page - Bright Power Semiconductor Co., Ltd.

  BP8519C Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP8519C Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BP8519C
Non-isolated Offline CV Converter
BP8519C_EN _DS_Rev.1.0
www.bpsemi.com
2
BPS Confidential – Customer Use Only
Bright Power Semiconductor
Ordering Information
Part Number
Package
Operating
Temperature
Package Method
Marking
BP8519C
SOT23-5
-40 ℃ to 105 ℃
Tape
3,000pcs/reel
8519C
Pin Configuration and Marking Information
VCC
FB
NC
DRAIN
GND
8519C
Figure 2. Pin configuration
Pin Definition
Pin No.
Name
Description
1
VCC
Power supply pin
2
GND
Ground
3
FB
Out voltage feedback
4
NC
No connection
5
DRAIN
Drain of the integrated HV MOSFET


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn