Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5887SG Datasheet(PDF) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5887SG
Description  2nd Generation Quasi-Resonant (QR-IITM ) PWM Controller OTP Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5887SG Datasheet(HTML) 1 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF5887SG Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF5887SG Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©SiFirst Technology
- 1 -
Confidential
SiFirst_DS_5887_V1.0
SF5887
FEATURES
◆ Meet EPS Level 6
◆ Proprietary
QR-II
TM
Technology:
●Digital Anti-jitter for Audio Noise Free
Operation
● Digital Frequency Foldback
● Digital Frequency Jittering for Better EMI
◆ Programmable Over Temperature Protection
(OTP)
◆ Multi-Mode Operation for High Efficiency
◆ 12.7us Maximum On Time
◆ 80KHz Maximum Frequency Limit
◆ 52KHz Frequency Low Clamping in QR Mode
◆ 65% Maximum Duty Cycle
◆ Adaptive Slope Compensation for CCM Mode
◆ Built-in Soft Start Function
◆ Pin Floating Protection
◆ Built-in Synchronous Slope Compensation
◆ Cycle-by-Cycle Current Limiting
◆ Leading Edge Blanking (LEB)
◆ Constant Power Limiting
◆ VDD UVLO, OVP & Clamp
APPLICATIONS
Offline AC/DC Flyback Converter for
◆ AC/DC Adaptors
◆ SMPS Power Supply
GENERAL DESCRIPTION
SF5887 is a high performance, 2
nd Generation Quasi-
Resonant (QR-II
TM) PWM controller for offline flyback
power converter applications. The built-in proprietary
QR-II
TM
technology
with
high
level
protection
features
improves
the
SMPS
reliability
and
performance.
In SF5887, the “Digital Anti-Jitter” function can
automatically select and lock a valley at a given
loading,
which
can
achieve
audio
noise
free
operation. On the other hand, the “Digital Frequency
Jittering” function makes the system have superior
EMI performance than conventional QR system.
SF5887 is a multi mode controller. When full loadings,
the IC works in CCM mode or QR mode based on the
AC line input. When the loading goes low, the IC
enters into “Digital Frequency Foldback” mode to
boost power conversion efficiency. When the output
power is very small, the IC enters into burst mode
and provides excellent efficiency without audio noise.
SF5887 integrates functions and protections of Under
Voltage
Lockout
(UVLO),
VCC
Over
Voltage
Protection (OVP), Output Over Voltage Protection
(Output OVP), Programmable Over Temperature
Protection (OTP), Cycle-by-cycle Current Limiting
(OCP), Pin Floating Protection, Over Load Protection
(OLP), Soft Start, VCC Clamping, Gate Clamping, etc.
In SF5887, the protection functions are auto-recovery
mode protection.
SF5887 is available in SOP8 package.
TYPICAL APPLICATION
EMI
Filter
AC IN
SF5887
DC Out
TL431
1
FB
CS
GND
RT
RI
2
3
4
8
7
6
5
DEM
VCC
GATE
NTC
20K
2
nd Generation Quasi-Resonant (QR-II
TM
) PWM Controller
OTP Protection


Similar Part No. - SF5887SG

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF58 MOSPEC-SF58 Datasheet
129Kb / 2P
   POWER RECTIFIERS(5.0A,500-1000V)
logo
SHENZHEN KOO CHIN ELECT...
SF58 KOOCHIN-SF58 Datasheet
306Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
SF58 PFS-SF58 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
SF58 SHUNYE-SF58 Datasheet
383Kb / 2P
   SUPER FAST RECTIFIER
logo
Bytes
SF58 BYTES-SF58 Datasheet
161Kb / 2P
   5.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF5887SG

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF5773 SIFIRST-SF5773 Datasheet
101Kb / 2P
   2nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5873 SIFIRST-SF5873 Datasheet
102Kb / 2P
   HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5877 SIFIRST-SF5877 Datasheet
102Kb / 2P
   HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller
SF5879 SIFIRST-SF5879 Datasheet
103Kb / 2P
   HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Power Switch
SF5897 SIFIRST-SF5897 Datasheet
104Kb / 2P
   HV-mWTM??nd Generation Quasi-Resonant (QR-IITM ) PWM Controller With PFC ON/OFF Control
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
   QUASI-RESONANT PWM CONTROLLER
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
   QUASI-RESONANT PWM CONTROLLER
May 2019
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Infineon Technologies A...
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
   Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com