Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30L0R7000B0 Datasheet(PDF) 55 Page - STMicroelectronics

Part # M30L0R7000B0
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M30L0R7000B0 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M30L0R7000B0 Datasheet HTML 51Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 52Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 53Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 54Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 55Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 56Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 57Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 58Page - STMicroelectronics M30L0R7000B0 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 83 page
background image
55/83
M30L0R7000T0, M30L0R7000B0
PART NUMBERING
Table 27. Ordering Information Scheme
Example:
M30 L 0
R 7 0 0 0 T
0 ZAQ
T
Device Type
M30 = Multiple Flash Memory Product
Flash Device Identifier 1
L = Multilevel, Multiple Bank, Burst Mode
Flash Device Identifier 2
0 = no other architecture
Operating Voltage
R = VDD = VDDQ = 1.8V typical
Flash 1 Density
7 = 128 Mbit
Flash 2 Density
0 = No Die
Flash 3 Density
0 = No Die
Flash 4 Density
0 = No Die
Parameter Block Location
T = Top Boot Block
B = Bottom Boot Block
Product Version
0 = Flash 0.13µm, 85ns
Package
ZAQ = TFBGA88 8 x 10mm, 0.80mm pitch, quadruple stacked
footprint
Option
Blank = Standard Packing
T = Tape & Reel packing
E = Lead-Free and RoHS Package, Standard Packing
F = Lead-Free and RoHS Package, Tape & Reel Packing


Similar Part No. - M30L0R7000B0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M30L0R8000B0 STMICROELECTRONICS-M30L0R8000B0 Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R8000B0ZAQ STMICROELECTRONICS-M30L0R8000B0ZAQ Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R8000B0ZAQE STMICROELECTRONICS-M30L0R8000B0ZAQE Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R8000B0ZAQF STMICROELECTRONICS-M30L0R8000B0ZAQF Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R8000B0ZAQT STMICROELECTRONICS-M30L0R8000B0ZAQT Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results

Similar Description - M30L0R7000B0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
   128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M30L0R8000T0 STMICROELECTRONICS-M30L0R8000T0 Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
   128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com