Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE16V8L-15PC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # PALCE16V8L-15PC
Description  Flash-Erasable Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE16V8L-15PC Datasheet(HTML) 5 Page - Cypress Semiconductor

  PALCE16V8L-15PC Datasheet HTML 1Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 2Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 3Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 4Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 5Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 6Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 7Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 8Page - Cypress Semiconductor PALCE16V8L-15PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
USE ULTRA37000™ FOR
ALL NEW DESIGNS
PALCE16V8
Document #: 38-03025 Rev. *A
Page 5 of 13
AC Test Loads and Waveforms
Specification
S1
CL
Commercial
Military
Measured Output Value
R1
R2
R1
R2
tPD, tCO
Closed
50 pF
200
390
390
750
1.5V
tPZX, tEA
Z · H: Open
Z · L: Closed
1.5V
tPXZ, tER
H · Z: Open
L · Z: Closed
5 pF
H · Z: VOH – 0.5V
L · Z: VOL + 0.5V
Commercial and Industrial Switching Characteristics [2]
Parameter
Description
16V8-5
16V8-7
16V8-10
16V8-15
16V8-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tPD
Input to Output
Propagation Delay[8, 9]
1
5
3
7.5
3
10
3
15
3
25
ns
tPZX
OE to Output Enable
1
6
6
10
15
20
ns
tPXZ
OE to Output Disable
1
5
6
10
15
20
ns
tEA
Input to Output
Enable Delay[7]
1
6
9
10
15
25
ns
tER
Input to Output
Disable Delay[7, 10]
1
5
9
10
15
25
ns
tCO
Clock to Output Delay[8, 9]
1
42
5
2
7
2
10
2
12
ns
tS
Input or Feedback
Set-up Time
3
5
7.5
12
15
ns
tH
Input Hold Time
0
00
0
0
ns
tP
External Clock
Period (tCO + tS)
7
10
14.5
22
27
ns
Shaded areas contain preliminary information.
Notes:
8. Min. times are tested initially and after any design or process changes that may affect these parameters.
9. This specification is guaranteed for all device outputs changing state in a given access cycle.
10. This parameter is measured as the time after OE pin or internal disable input disables or enables the output pin. This delay is measured to the point at which a previous HIGH
level has fallen to 0.5 volts below VOH min. or a previous LOW level has risen to 0.5 volts above VOL max.
11. This specification indicates the guaranteed maximum frequency at which a state machine configuration with external feedback can operate.
12. This specification indicates the guaranteed maximum frequency at which the device can operate in data path mode.
13. This specification indicates the guaranteed maximum frequency at which a state machine configuration with internal only feedback can operate.
14. This parameter is calculated from the clock period at fMAX internal (1/fMAX3) as measured (see Note 7 above) minus tS.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
<2 ns
<2 ns
OUTPUT
R2
R1
CL
S1
5V
TEST POINT


Similar Part No. - PALCE16V8L-15PC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE16V8 AMD-PALCE16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8H-10JC AMD-PALCE16V8H-10JC Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
PALCE16V8H-10JC AMD-PALCE16V8H-10JC Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
More results

Similar Description - PALCE16V8L-15PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com